Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPB1508GV Datasheet (PDF) - Renesas Technology Corp

UPB1508GV Datasheet PDF - Renesas Technology Corp
Part # UPB1508GV
Download  UPB1508GV Download
File Size   205.56 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BIPOLAR DIGITAL INTEGRATED CIRCUIT

UPB1508GV Datasheet (PDF)

Go To PDF Page Download Datasheet
UPB1508GV Datasheet PDF - Renesas Technology Corp

Part # UPB1508GV
Download  UPB1508GV Click to download

File Size   205.56 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BIPOLAR DIGITAL INTEGRATED CIRCUIT

UPB1508GV Datasheet (HTML) - Renesas Technology Corp


UPB1508GV Product details

FEATURES
• High toggle frequency : fin = 0.5 GHz to 3.0 GHz
• High-density surface mounting : 8 pin plastic SSOP (175 mil)
• Low current consumption : 5 V, 12 mA
• Fixed division : /2




Similar Part No. - UPB1508GV

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1508GV NEC-UPB1508GV Datasheet
77Kb / 12P
3 GHz INPUT DIVIDE BY 2 PRESCALER IC FOR DBS TUNERS
logo
California Eastern Labs
UPB1508GV CEL-UPB1508GV Datasheet
213Kb / 7P
3.0 GHz DIVIDE BY 2 PRESCALER
logo
NEC
UPB1508GV-E1 NEC-UPB1508GV-E1 Datasheet
77Kb / 12P
3 GHz INPUT DIVIDE BY 2 PRESCALER IC FOR DBS TUNERS
logo
California Eastern Labs
UPB1508GV-E1-A CEL-UPB1508GV-E1-A Datasheet
213Kb / 7P
3.0 GHz DIVIDE BY 2 PRESCALER
More results


Similar Description - UPB1508GV

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPB1007K RENESAS-UPB1007K Datasheet
510Kb / 29P
BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
2002
UPB1008K RENESAS-UPB1008K Datasheet
367Kb / 27P
BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
2003
UPB1009K RENESAS-UPB1009K Datasheet
432Kb / 31P
BIPOLAR ANALOG DIGITAL INTEGRATED CIRCUIT
2004
UPB1509GV RENESAS-UPB1509GV Datasheet
246Kb / 18P
BIPOLAR DIGITAL INTEGRATED CIRCUIT
1996
UPB1510GV RENESAS-UPB1510GV Datasheet
308Kb / 15P
BIPOLAR DIGITAL INTEGRATED CIRCUIT
2003
UPB1511TB RENESAS-UPB1511TB Datasheet
215Kb / 10P
BIPOLAR DIGITAL INTEGRATED CIRCUIT
2000
UPB1512TU RENESAS-UPB1512TU Datasheet
333Kb / 14P
BIPOLAR DIGITAL INTEGRATED CIRCUIT
2005
UPB1513TU RENESAS-UPB1513TU Datasheet
322Kb / 14P
BIPOLAR DIGITAL INTEGRATED CIRCUIT
2005
UPB1514TU RENESAS-UPB1514TU Datasheet
327Kb / 14P
BIPOLAR DIGITAL INTEGRATED CIRCUIT
2005
UPB587G RENESAS-UPB587G Datasheet
201Kb / 10P
BIPOLAR DIGITAL INTEGRATED CIRCUIT
1988
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com