Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC277GR Datasheet (PDF) - Renesas Technology Corp

UPC277GR Datasheet PDF - Renesas Technology Corp
Part # UPC277GR
Download  UPC277GR Download
File Size   717.8 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Small Package Single Power Supply Dual Comparator

UPC277GR Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC277GR Datasheet PDF - Renesas Technology Corp

Part # UPC277GR
Download  UPC277GR Click to download

File Size   717.8 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Small Package Single Power Supply Dual Comparator

UPC277GR Datasheet (HTML) - Renesas Technology Corp


UPC277GR Product details

FEATURES
 Input Offset Voltage ±2 mV (TYP.)
 Input Bias Current 17 nA (TYP.)
 Voltage Gain 200000 (TYP.)
 Pulse Response Time 1.8 μs (TYP.)
 Output Sink Current 16 mA (TYP.)
 A wired OR is possible as the output is an open collector.
 Low Voltage Operation V + - V - : +2 ~ +32 V
 Small Package (The mounting area is reduced by 40% or 66% compared to conventional 8-pin plastic
SOP, as shown in the table below)




Similar Part No. - UPC277GR

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC277GR RENESAS-UPC277GR Datasheet
529Kb / 10P
Small Package Single Power Supply Dual Comparator
Feb.14.25
logo
NEC
UPC277GR-9LG NEC-UPC277GR-9LG Datasheet
212Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY DUAL COMPARATORS WITH SMALL PACKAGE
logo
Renesas Technology Corp
UPC277GR-9LG RENESAS-UPC277GR-9LG Datasheet
332Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC277GR-9LG-A RENESAS-UPC277GR-9LG-A Datasheet
529Kb / 10P
Small Package Single Power Supply Dual Comparator
Feb.14.25
logo
NEC
UPC277GR-9LG-E1-A NEC-UPC277GR-9LG-E1-A Datasheet
212Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY DUAL COMPARATORS WITH SMALL PACKAGE
More results


Similar Description - UPC277GR

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2903 NJRC-NJM2903 Datasheet
240Kb / 5P
SINGLE-SUPPLY DUAL COMPARATOR
logo
Analog Devices
AD8598 AD-AD8598 Datasheet
137Kb / 11P
Dual 7 ns Single Supply Comparator
REV.A
logo
Unisonic Technologies
UM21125 UTC-UM21125 Datasheet
150Kb / 4P
SINGLE-SUPPLY COMPARATOR
logo
Touchstone Semiconducto...
TS9004 TOUCHSTONE-TS9004 Datasheet
979Kb / 12P
Low-Power Single/Dual-Supply Quad Comparator with Reference
TS9002 TOUCHSTONE-TS9002 Datasheet
910Kb / 11P
Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Analog Devices
AD8598 AD-AD8598_15 Datasheet
143Kb / 11P
Dual 7 ns Single Supply Comparator
REV. A
logo
Renesas Technology Corp
PC277GR-9LG RENESAS-PC277GR-9LG_15 Datasheet
333Kb / 14P
SINGLE POWER SUPPLY DUAL COMPARATORS WITH SMALL PACKAGE
logo
Silicon Laboratories
TS9002 SILABS-TS9002 Datasheet
1Mb / 12P
Low-Power Single/Dual-Supply Dual Comparator with Reference
logo
Renesas Technology Corp
UPC177 RENESAS-UPC177 Datasheet
505Kb / 8P
Single Power Supply Quad Comparator
logo
New Japan Radio
NJM2903C NJRC-NJM2903C Datasheet
1Mb / 8P
SINGLE-SUPPLY DUAL COMPARATOR
Ver.11
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com