Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC358G2 Datasheet (PDF) - Renesas Technology Corp

UPC358G2 Datasheet PDF - Renesas Technology Corp
Part # UPC358G2
Download  UPC358G2 Download
File Size   251.47 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BIPOLAR ANALOG INTEGRATED CIRCUIT

UPC358G2 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC358G2 Datasheet PDF - Renesas Technology Corp

Part # UPC358G2
Download  UPC358G2 Click to download

File Size   251.47 Kbytes
Page   13 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BIPOLAR ANALOG INTEGRATED CIRCUIT

UPC358G2 Datasheet (HTML) - Renesas Technology Corp


UPC358G2 Product details

FEATURES
• Internally frequency compensation
• Wide output voltage swing V– to V+ –1.5 V
• Common mode input voltage range includes V–
• Wide supply voltage range
3 V to 30 V (Single)
±1.5 V to ±15 V (Split)
• Output short circuit protection




Similar Part No. - UPC358G2

ManufacturerPart #DatasheetDescription
logo
NEC
UPC358G2 NEC-UPC358G2 Datasheet
74Kb / 12P
LOW POWER DUAL OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
UPC358G2 RENESAS-UPC358G2 Datasheet
685Kb / 12P
Single Power Supply Dual Operational Amplifiers
2019.1.17
UPC358G2 RENESAS-UPC358G2 Datasheet
346Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC358G2 RENESAS-UPC358G2 Datasheet
522Kb / 12P
Single Power Supply Dual Operational Amplifiers
Rev.2.00 Feb.18.25
UPC358G2-AP RENESAS-UPC358G2-AP Datasheet
522Kb / 12P
Single Power Supply Dual Operational Amplifiers
Rev.2.00 Feb.18.25
More results


Similar Description - UPC358G2

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC177GR-9LG RENESAS-UPC177GR-9LG Datasheet
314Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC317 RENESAS-UPC317 Datasheet
345Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
UPC339 RENESAS-UPC339 Datasheet
236Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1997
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com