Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC393MF-DAA Datasheet (PDF) - Renesas Technology Corp

UPC393MF-DAA Datasheet PDF - Renesas Technology Corp
Part # UPC393MF-DAA
Download  UPC393MF-DAA Download
File Size   307.56 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Bipolar Analog Integrated Circuit

UPC393MF-DAA Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC393MF-DAA Datasheet PDF - Renesas Technology Corp

Part # UPC393MF-DAA
Download  UPC393MF-DAA Click to download

File Size   307.56 Kbytes
Page   9 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Bipolar Analog Integrated Circuit

UPC393MF-DAA Datasheet (HTML) - Renesas Technology Corp


UPC393MF-DAA Product details

Description
The μ PC393MF-DAA is dual comparator which is designed to operate for a single power supply. It includes features
of low-voltage operation, a common-mode input voltage that range from V− (GND) level, an open collector output, and
low current consumption. Furthermore, this product can operate on a split power supply and be used for an extensive
comparison of various voltages.
This package becomes smaller than μ PC393G2 package in existence because the package adopts the narrow body SOP
that is generally used abroad.
Features
• The package is compliant with a JEDEC standard (MS-012).
• Thermal resistance was improved more than 30% from existing μ PC393G2 by adopting copper-based lead material.
(Rth(j-a) = 156°C/W)
• Wider Operating Ambient Temperature range than μ PC393G2
⎯ μ PC393MF-DAA (TA = −40 to +85°C), μ PC393G2 (TA = −20 to +80°C)
• Input Offset Voltage ±2 mV (TYP.)
• Input Bias Current 17 nA (TYP.)
• A low voltage operation is possible. V+ − V−: +2 to +32 V
• Pulse Response Time 1.8 μ s (TYP.)
• A wired OR is possible as the open collector is output.




Similar Part No. - UPC393MF-DAA

ManufacturerPart #DatasheetDescription
logo
NEC
UPC393 NEC-UPC393 Datasheet
65Kb / 12P
LOW POWER DUAL COMPARATORS
logo
Renesas Technology Corp
UPC393 RENESAS-UPC393 Datasheet
245Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1989
logo
NEC
UPC393C NEC-UPC393C Datasheet
65Kb / 12P
LOW POWER DUAL COMPARATORS
logo
Renesas Technology Corp
UPC393C RENESAS-UPC393C Datasheet
245Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1989
logo
NEC
UPC393G2 NEC-UPC393G2 Datasheet
65Kb / 12P
LOW POWER DUAL COMPARATORS
More results


Similar Description - UPC393MF-DAA

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC177GR-9LG RENESAS-UPC177GR-9LG Datasheet
314Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC317 RENESAS-UPC317 Datasheet
345Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
UPC339 RENESAS-UPC339 Datasheet
236Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1997
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com