Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U74CBTLV3251L-P16-R Datasheet (PDF) - Unisonic Technologies

U74CBTLV3251L-P16-R Datasheet PDF - Unisonic Technologies
Part # U74CBTLV3251L-P16-R
Download  U74CBTLV3251L-P16-R Download
File Size   321.99 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER

U74CBTLV3251L-P16-R Datasheet (PDF)

Go To PDF Page Download Datasheet
U74CBTLV3251L-P16-R Datasheet PDF - Unisonic Technologies

Part # U74CBTLV3251L-P16-R
Download  U74CBTLV3251L-P16-R Click to download

File Size   321.99 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER

U74CBTLV3251L-P16-R Datasheet (HTML) - Unisonic Technologies


U74CBTLV3251L-P16-R Product details

 DESCRIPTION
The U74CBTLV3251 device is a 1-of-8 high-speed FET
multiplexer/demultiplexer. The low on-state resistance of the switch
allows connections to be made with minimal propagation delay.
The select inputs (S0, S1, S2) control the data flow. The FET
multiplexers/demultiplexers are disabled when the output-enable ( OE )
input is high.
This device is fully specified for partial-power-down applications
using IOFF. The IOFF feature ensures that damaging current will not
backflow through the device when it is powered down. The device has
isolation during power off.
To ensure the high-impedance state during power up or power
down, OE should be tied to VCC through a pull-up resistor; the
minimum value of the resistor is determined by the current-sinking
capability of the driver.

 FEATURES
* 5Ω Switch Connection Between Two Ports
* Rail-to-Rail Switching on Data I/O Ports
* IOFF Supports Partial-Power-Down Mode Operation




Similar Part No. - U74CBTLV3251L-P16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74CBTLV3125 UTC-U74CBTLV3125 Datasheet
207Kb / 6P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
U74CBTLV3125G-P14-R UTC-U74CBTLV3125G-P14-R Datasheet
207Kb / 6P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
U74CBTLV3125G-P14-R UTC-U74CBTLV3125G-P14-R Datasheet
217Kb / 6P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
U74CBTLV3125G-P14-T UTC-U74CBTLV3125G-P14-T Datasheet
207Kb / 6P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
U74CBTLV3125L-P14-R UTC-U74CBTLV3125L-P14-R Datasheet
207Kb / 6P
LOW-VOLTAGE QUADRUPLE FET BUS SWITCH
More results


Similar Description - U74CBTLV3251L-P16-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3251 TI-SN74CBT3251 Datasheet
365Kb / 12P
1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
SN74CBTLV3251 TI-SN74CBTLV3251 Datasheet
380Kb / 12P
LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3251FK TOSHIBA-TC7MB3251FK Datasheet
94Kb / 7P
1-of-8 FET Multiplexer/Demultiplexer
logo
Texas Instruments
SN74CBTLV3251 TI-SN74CBTLV3251_07 Datasheet
739Kb / 17P
LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3251FK TOSHIBA-TC7MB3251FK_07 Datasheet
171Kb / 7P
1-of-8 FET Multiplexer/Demultiplexer
TC7MB3251FT TOSHIBA-TC7MB3251FT Datasheet
130Kb / 8P
1-of-8 FET Multiplexer/Demultiplexer
logo
Texas Instruments
74CBTLV3251PWRG4 TI-74CBTLV3251PWRG4 Datasheet
911Kb / 19P
LOW-VOLTAGE 1-OF-8 FET MULTIPLEXER/DEMULTIPLEXER
logo
Unisonic Technologies
U74CBT3251 UTC-U74CBT3251 Datasheet
196Kb / 6P
1-OF-8 FET MULTIPLEXER / DEMULTIPLEXER
U74CBT3251 UTC-U74CBT3251_15 Datasheet
224Kb / 6P
1-OF-8 FET MULTIPLEXER DEMULTIPLEXER
logo
Nexperia B.V. All right...
CBT3251 NEXPERIA-CBT3251 Datasheet
227Kb / 11P
1-of-8 FET multiplexer/demultiplexer
Rev. 4 - 24 March 2021
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com