Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTT75N75M Datasheet (PDF) - Unisonic Technologies

UTT75N75M Datasheet PDF - Unisonic Technologies
Part # UTT75N75M
Download  UTT75N75M Download
File Size   649.85 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 75A, 75V N-CHANNEL ENHANCEMENT MODE TRENCH POWER MOSFET

UTT75N75M Datasheet (PDF)

Go To PDF Page Download Datasheet
UTT75N75M Datasheet PDF - Unisonic Technologies

Part # UTT75N75M
Download  UTT75N75M Click to download

File Size   649.85 Kbytes
Page   9 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 75A, 75V N-CHANNEL ENHANCEMENT MODE TRENCH POWER MOSFET

UTT75N75M Datasheet (HTML) - Unisonic Technologies


UTT75N75M Product details

 DESCRIPTION
The UTC UTT75N75M is N-channel enhancement mode power
MOSFET using UTC’s advanced technology to provide customers
with super low gate charge and fast switching performance. The
UTC UTT75N75M is suitable for high efficiency synchronous
rectification in SMPS, UPS, hard switched and high frequency
circuits.

 FEATURES
* RDS(ON) ≤ 9.0 mΩ @ VGS=10V, ID=37.5A
RDS(ON) ≤ 12 mΩ @ VGS=4.5V, ID=37.5A
* Fast switching capability
* Avalanche energy Specified
* Improved dv/dt capability, high ruggedness




Similar Part No. - UTT75N75M

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTT75N75 UTC-UTT75N75 Datasheet
169Kb / 5P
80A, 75V N-CHANNEL POWER MOSFET
UTT75N75G-TA3-T UTC-UTT75N75G-TA3-T Datasheet
169Kb / 5P
80A, 75V N-CHANNEL POWER MOSFET
UTT75N75L-TA3-T UTC-UTT75N75L-TA3-T Datasheet
169Kb / 5P
80A, 75V N-CHANNEL POWER MOSFET
More results


Similar Description - UTT75N75M

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP75N75 PANJIT-PJP75N75 Datasheet
148Kb / 4P
75V N-Channel Enhancement Mode MOSFET
PJP75N75 PANJIT-PJP75N75_07 Datasheet
156Kb / 4P
75V N-Channel Enhancement Mode MOSFET
PJB75N75 PANJIT-PJB75N75 Datasheet
165Kb / 4P
75V N-Channel Enhancement Mode MOSFET
logo
HY ELECTRONIC CORP.
HY75N075T HY-HY75N075T Datasheet
225Kb / 4P
75V / 75A N-Channel Enhancement Mode MOSFET
HY80N075T HY-HY80N075T Datasheet
244Kb / 4P
75V / 80A N-Channel Enhancement Mode MOSFET
HY150N075T HY-HY150N075T Datasheet
254Kb / 4P
75V / 150A N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN7022LFG DIODES-DMN7022LFG_15 Datasheet
334Kb / 6P
75V N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 1
logo
SemiHow Co.,Ltd.
HRP90N75K SEMIHOW-HRP90N75K Datasheet
823Kb / 8P
75V N-Channel Trench MOSFET
logo
List of Unclassifed Man...
D7509 ETC-D7509 Datasheet
916Kb / 11P
80A 75V N-channel Enhancement Mode Power MOSFET
Rev. 1.0
logo
DACO SEMICONDUCTOR CO.,...
DAMH75N500H DACO-DAMH75N500H Datasheet
333Kb / 5P
N-Channel Enhancement Mode Power MOSFET 500V / 75A
June 2020
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com