Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

88E1011 Datasheet (PDF) - List of Unclassifed Manufacturers

88E1011 Datasheet PDF - List of Unclassifed Manufacturers
Part # 88E1011
Download  88E1011 Download
File Size   133.13 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Alaska짰 Ultra Gigabit Ethernet Transceivers

88E1011 Datasheet (PDF)

Go To PDF Page Download Datasheet
88E1011 Datasheet PDF - List of Unclassifed Manufacturers

Part # 88E1011
Download  88E1011 Click to download

File Size   133.13 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Alaska짰 Ultra Gigabit Ethernet Transceivers

88E1011 Datasheet (HTML) - List of Unclassifed Manufacturers


88E1011 Product details

[Marvell Semiconductor, Inc.]



PRODUCT OVERVIEW

The Marvell¨ Alaska¨ family of Gigabit Ethernet (GbE) over copper transceivers are the industryÕs lowest power, smallest form factor, highest performance, and highest port density solutions in volume production. The Alaska Ultra single-channel GbE transceivers, consisting of the 88E1011 and 88E1011S devices, are the industryÕs first GbE PHYs optimized for the mobile computing market. These devices perform all of the physical layer functions for 100BASE-TX and 1000BASE-T full or half duplex Ethernet on category 5 (CAT 5) twisted pair cable, and 10BASE-T full or half duplex Ethernet on CAT 3, 4 and 5 cable. The Alaska Ultra+ device (88E1011S) offers additional support of 1000BASE-X through an integrated 1.25 GHz Serializer/Deserializer (SERDES).



FEATURES

• Low power dissipation, just over 1W

• IEEE 802.3 compliant 1000BASE-T, 100BASE-TX and 10BASE-T transceivers

• GMII, TBI, RTBI, RGMII, SGMII interfaces

• Integrated 1.25 GHz SERDES (88E1011S)

• Media Detect feature automatically detects and configures to either copper or fiber media

• Four power management modes

• Auto-MDI/MDIX crossover at all three speeds

• IEEE 1149.1 (JTAG) boundary scan support

• Advanced mixed-signal and DSP techniques

• Advanced baseline wander correction

• Fully integrated digital adaptive equalizers, echo and crosstalk cancellers

• On-chip transmit wave-shaping to reduce EMI

• Advice internal hybrids for 1000BASE-T

• Three package options: 128-pin PQFP, 117-pin TFBGA and 96-pin BCC

• 0.15-micron standard digital CMOS process



BENEFITS

• Enables higher integration and reduced cost

• True plug-and-play with 10/100/1000BASE-T tri-speed functionality

• Provide a seamless Ethernet solution

• Supports 1000BASE-X fiber applications

• Complete media flexibility

• Extend battery life; reduce power consumption

• End-to-end wiring tolerance and correction

• Increased reliability for board level testing and manufacturability

• Advanced DSP design

• Provides robust performance over a wide range of operating conditions

• Optimized cable performance

• Better FCC performance

• Lower cost magnetic

• Small package outline, 9mm x 9mm (BCC)

• Advanced process for reduced power and cost to achieve the highest port density



APPLICATIONS

The Marvell Alaska Ultra GbE transceiver supports advanced power management modes, including Wake-on-LAN, which are critical to client applications such as Gigabit-connected laptop computers. The device also provides complete flexibility in media selection Ñ either copper or fiber media. The Alaska Ultra PHYÕs Media Detect feature automatically senses whether the end-user has inserted a CAT 5 copper or fiber-optic cable, performs Auto-Negotiation and provides seamless plug-and-play configuration.




Similar Part No. - 88E1011

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
88E1011S PULSE-88E1011S Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results


Similar Description - 88E1011

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
88E1040 ETC2-88E1040 Datasheet
133Kb / 2P
Alaska짰 Quad Gigabit Ethernet Transceivers
logo
MRV Communications, Inc...
SFP-GDCWXD MRV-SFP-GDCWXD Datasheet
107Kb / 5P
Gigabit Ethernet CWDM SFP Transceivers
logo
OPLINK Communications I...
TRP1G10V1C00000G OPLINK-TRP1G10V1C00000G Datasheet
532Kb / 5P
Gigabit Ethernet SFP Multimode Transceivers with Digital Diagnostics
logo
SIXNET Technology Park
GXFIBER-SFP SIXNET-GXFIBER-SFP Datasheet
1Mb / 2P
INDUSTRIAL ETHERNET GIGABIT FIBER TRANSCEIVERS
logo
OPLINK Communications I...
DTR-1250-MM-SA OPLINK-DTR-1250-MM-SA Datasheet
273Kb / 6P
Gigabit Ethernet 850 nm VCSEL Transceivers
TRPEG1-E2 OPLINK-TRPEG1-E2 Datasheet
443Kb / 5P
Multi-rate Gigabit Ethernet & Fibre Channel SFP Transceivers
TRPEG1KVX-E1 OPLINK-TRPEG1KVX-E1 Datasheet
668Kb / 5P
Very Long Haul Gigabit Ethernet SFP Transceivers
TRPUG1CLXX000E2G OPLINK-TRPUG1CLXX000E2G Datasheet
675Kb / 6P
Multi-Rate Gigabit Ethernet & Fiber Channel SFP Transceivers
logo
AVAGO TECHNOLOGIES LIMI...
AFBR-5710LZ AVAGO-AFBR-5710LZ_15 Datasheet
508Kb / 20P
Transceivers with Optional DMI for Gigabit Ethernet
AFCT-5710Z AVAGO-AFCT-5710Z_15 Datasheet
249Kb / 19P
Optical Transceivers with Optional DMI for Gigabit Ethernet
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com