Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5539SQ Datasheet (PDF) - Analog Devices

AD5539SQ Datasheet PDF - Analog Devices
Part # AD5539SQ
Download  AD5539SQ Download
File Size   475.12 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultrahigh Frequency Operational Amplifier

AD5539SQ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5539SQ Datasheet PDF - Analog Devices

Part # AD5539SQ
Download  AD5539SQ Click to download

File Size   475.12 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Ultrahigh Frequency Operational Amplifier

AD5539SQ Datasheet (HTML) - Analog Devices


AD5539SQ Product details

PRODUCT DESCRIPTION

The AD5539 is an ultrahigh frequency operational amplifier designed specifically for use in video circuits and RF amplifiers. Requiring no external compensation for gains greater than 5, it may be operated at lower gains with the addition of external compensation.

As a superior replacement for the Signetics NE/SE5539, each AD5539 is 100% dc tested to meet all of its guaranteed dc specifications over the full temperature range of the device. The high slew rate and wide bandwidth of the AD5539 provide low cost solutions to many otherwise complex and expensive high frequency circuit design problems.



PRODUCT HIGHLIGHTS

1. All guaranteed dc specifications are 100% tested.

2. The AD5539 drives 50 Ω and 75 Ω loads directly.

3. Input voltage noise is less than 4 nV√Hz.

4. Low cost RF and video speed performance.

5. ±2 volt output range into a 150 Ω load.

6. Low cost.

7. Chips available.



FEATURES

  Improved Replacement for Signetics SE/NE5539

  AC PERFORMANCE

     Gain Bandwidth Product: 1.4 GHz typ

     Unity Gain Bandwidth: 220 MHz typ

     High Slew Rate: 600 V/ms typ

     Full Power Response: 82 MHz typ

     Open-Loop Gain: 47 dB min, 52 dB typ

 

  DC PERFORMANCE

     All Guaranteed DC Specifications Are 100% Tested

        For Each Device Over Its Full Temperature

        Range – For All Grades and Packages

     VOS: 5 mV max Over Full Temperature Range(AD5539S)

     IB: 20 mA max (AD5539J)

     CMRR: 70 dB min, 85 dB typ

     PSRR: 100 mV/V typ

     MIL-STD-883B Parts Available



 




Similar Part No. - AD5539SQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5539 AD-AD5539 Datasheet
493Kb / 16P
Ultrahigh Frequency Operational Amplifier
REV. B
AD5539 AD-AD5539_15 Datasheet
493Kb / 16P
Ultrahigh Frequency Operational Amplifier
REV. B
More results


Similar Description - AD5539SQ

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5539 PHILIPS-NE5539 Datasheet
230Kb / 14P
High frequency operational amplifier
2002 Jan 25
NE5539 PHILIPS-NE5539 Datasheet
207Kb / 8P
High frequency operational amplifier
2002 Jan 25
logo
Linear Technology
LT1190 LINER-LT1190_01 Datasheet
257Kb / 12P
Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_01 Datasheet
252Kb / 12P
Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_01 Datasheet
249Kb / 12P
Ultrahigh Speed Operational Amplifier
logo
Analog Devices
AD5539 AD-AD5539_15 Datasheet
493Kb / 16P
Ultrahigh Frequency Operational Amplifier
REV. B
logo
Linear Technology
LT1190 LINER-LT1190_15 Datasheet
266Kb / 12P
Ultrahigh Speed Operational Amplifier
LT1191 LINER-LT1191_15 Datasheet
261Kb / 12P
Ultrahigh Speed Operational Amplifier
LT1192 LINER-LT1192_15 Datasheet
258Kb / 12P
Ultrahigh Speed Operational Amplifier
logo
Fairchild Semiconductor
UA741 FAIRCHILD-UA741 Datasheet
1Mb / 9P
Frequency-Compensated Operational Amplifier
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com