Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1231S Datasheet (PDF) - Dallas Semiconductor

DS1231S Datasheet PDF - Dallas Semiconductor
Part # DS1231S
Download  DS1231S Download
File Size   52.58 Kbytes
Page   9 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Power Monitor Chip

DS1231S Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1231S Datasheet PDF - Dallas Semiconductor

Part # DS1231S
Download  DS1231S Click to download

File Size   52.58 Kbytes
Page   9 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Power Monitor Chip

DS1231S Datasheet (HTML) - Dallas Semiconductor


DS1231S Product details

DESCRIPTION
The DS1231 Power Monitor Chip uses a precise temperature-compensated reference circuit which provides an orderly shutdown and an automatic restart of a processor-based system. A signal warning of an impending power failure is generated well before regulated DC voltages go out of specification by monitoring high voltage inputs to the power supply regulators. If line isolation is required a UL-approved opto-isolator can be directly interfaced to the DS1231. The time for processor shutdown is directly proportional to the available hold-up time of the power supply.

FEATURES
● Warns processor of an impending power failure
● Provides time for an orderly shutdown
● Prevents processor from destroying nonvolatile memory during power transients
● Automatically restarts processor after power is restored
● Suitable for linear or switching power supplies
● Adjusts to hold time of the power supply
● Supplies necessary signals for processor interface
● Accurate 5% or 10% VCC monitoring
● Replaces power-up reset circuitry
● No external capacitors required
● Optional 16-pin SOIC surface-mount package




Similar Part No. - DS1231S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1231 MAXIM-DS1231 Datasheet
70Kb / 9P
Power Monitor Chip
022698
DS1231-50 MAXIM-DS1231-50 Datasheet
70Kb / 9P
Power Monitor Chip
1/9
DS1231/S MAXIM-DS1231/S Datasheet
70Kb / 9P
Power Monitor Chip
1/9
More results


Similar Description - DS1231S

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2436 DALLAS-DS2436 Datasheet
505Kb / 29P
Battery ID/Monitor Chip
logo
fujitsu semiconductor
MB3771 FUJITSU-MB3771_06 Datasheet
235Kb / 21P
Power Supply Monitor
logo
Dallas Semiconductor
DS2436 DALLAS-DS2436_07 Datasheet
472Kb / 29P
Battery ID/Monitor Chip
logo
Maxim Integrated Produc...
DS1231-50 MAXIM-DS1231-50 Datasheet
70Kb / 9P
Power Monitor Chip
1/9
logo
Pixart Imaging Inc.
PAH8011ES PIXART-PAH8011ES Datasheet
1Mb / 25P
Low Power Heart Rate Monitor Optical Chip
PAH8011ET PIXART-PAH8011ET Datasheet
1Mb / 23P
Low Power Optical Heart Rate Monitor Chip
logo
Maxim Integrated Produc...
DS1231 MAXIM-DS1231 Datasheet
70Kb / 9P
Power Monitor Chip
022698
DS2436 MAXIM-DS2436 Datasheet
478Kb / 29P
Battery ID/Monitor Chip
071607
logo
Weidmuller
1423550000 WEIDMULLER-1423550000 Datasheet
5Mb / 94P
POWER MONITOR
logo
Extech Instruments Corp...
PM120 EXTECH-PM120 Datasheet
232Kb / 1P
Power Monitor
Rev. 10/17/17
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com