Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX1666S Datasheet (PDF) - Maxim Integrated Products

MAX1666S Datasheet PDF - Maxim Integrated Products
Part # MAX1666S
Download  MAX1666S Download
File Size   832.48 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Advanced Lithium-Ion Battery-Pack Protector

MAX1666S Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX1666S Datasheet PDF - Maxim Integrated Products

Part # MAX1666S
Download  MAX1666S Click to download

File Size   832.48 Kbytes
Page   17 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Advanced Lithium-Ion Battery-Pack Protector

MAX1666S Datasheet (HTML) - Maxim Integrated Products


MAX1666S Product details

General Description
The MAX1666 provides complete protection against overvoltage, undervoltage, overcharge current, overdischarge current, and cell mismatch for 2-cell to 4-cell lithium-ion (Li+) battery packs. The voltage of each cell in the battery pack is checked and compared to the programmable threshold and to the other cells in the pack.

Features
♦ Overvoltage Protection
    Programmable Limits from +4.0V to +4.4V
    Accurate to ±0.5%
♦ Undervoltage Protection
    Programmable Limits from +2.0V to +3.0V
    Accurate to ±2.5%
♦ Cell Mismatch Protection
    Programmable Limits from 0 to 500mV
    Accurate to ±10%
♦ Overcharge Current Protection
♦ Overdischarge Current Protection
♦ Low 30µA (typ) Operating Supply Current
♦ Low 1µA (max) Standby Current
♦ +28V (max) Input Voltage
♦ Available in Small 16-Pin QSOP (MAX1666S) and 20-Pin QSOP (MAX1666A/V/X) Packages

Applications
    2/3/4-Cell Lithium-Ion Battery Pack




Similar Part No. - MAX1666S

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1666S MAXIM-MAX1666S Datasheet
294Kb / 16P
Advanced Lithium-Ion Battery-Pack Protector
19-1465; Rev 1; 7/99
MAX1666SEEE MAXIM-MAX1666SEEE Datasheet
294Kb / 16P
Advanced Lithium-Ion Battery-Pack Protector
19-1465; Rev 1; 7/99
More results


Similar Description - MAX1666S

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3911 TI-UCC3911 Datasheet
257Kb / 12P
Lithium-Ion Battery Protector
logo
Maxim Integrated Produc...
MAX1665S MAXIM-MAX1665S Datasheet
164Kb / 12P
Lithium-Ion Battery Pack Protector
19-1605; Rev 0; 1/00
MAX1666S MAXIM-MAX1666S Datasheet
294Kb / 16P
Advanced Lithium-Ion Battery-Pack Protector
19-1465; Rev 1; 7/99
logo
Richtek Technology Corp...
RT9501A RICHTEK-RT9501A_07 Datasheet
209Kb / 9P
Advanced Lithium-Ion Linear Battery Charger
logo
Texas Instruments
BQ77904 TI1-BQ77904 Datasheet
1Mb / 45P
Open Wire Stackable Lithium-ion Battery Protector
logo
National Semiconductor ...
LM3641 NSC-LM3641 Datasheet
304Kb / 16P
Lithium-Ion Battery Pack Protection Circuit
January 1999
logo
Shenzhen Huazhimei Semi...
DW01A HMSEMI-DW01A Datasheet
1Mb / 7P
Protection IC for One-Cell Lithium-Ion / Lithium-Polymer Battery Pack
HM5410G HMSEMI-HM5410G Datasheet
625Kb / 13P
1 lithium-ion rechargeable battery pack
logo
Pepperl+Fuchs Inc.
IQZ-HH27-BAT1 PF-IQZ-HH27-BAT1 Datasheet
497Kb / 1P
Lithium ion battery
logo
Samsung semiconductor
INR18650-29E SAMSUNG-INR18650-29E Datasheet
267Kb / 18P
Lithium-ion Battery
1.1
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com