Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT10 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCT10 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HCT10
Download  74HCT10 Download
File Size   224.64 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Triple 3-input NAND gate

74HCT10 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT10 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HCT10
Download  74HCT10 Click to download

File Size   224.64 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Triple 3-input NAND gate

74HCT10 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HCT10 Product details

1. General description
The 74HC10; 74HCT10 is a triple 3-input NAND gate. Inputs include clamp diodes that enable the
use of current limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Complies with JEDEC standard JESD7A
• Input levels:
• For74HC10: CMOS level
• For 74HCT10: TTL level
• Complies with JEDEC standard no. 7A
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74HCT10

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT10 PHILIPS-74HCT10 Datasheet
34Kb / 5P
Triple 3-input NAND gate
December 1990
logo
Nexperia B.V. All right...
74HCT10-Q100 NEXPERIA-74HCT10-Q100 Datasheet
223Kb / 11P
Triple 3-input NAND gate
Rev. 2 - 8 January 2021
logo
NXP Semiconductors
74HCT107 PHILIPS-74HCT107 Datasheet
53Kb / 7P
Dual JK flip-flop with reset; negative-edge trigger
December 1990
logo
Nexperia B.V. All right...
74HCT107 NEXPERIA-74HCT107 Datasheet
259Kb / 15P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 6 - 7 July 2021
74HCT107-Q100 NEXPERIA-74HCT107-Q100 Datasheet
259Kb / 15P
Dual JK flip-flop with reset; negative-edge trigger
Rev. 3 - 7 July 2021
More results


Similar Description - 74HCT10

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F10DM NSC-54F10DM Datasheet
140Kb / 6P
Triple 3-Input NAND Gate
logo
NXP Semiconductors
74F10 PHILIPS-74F10 Datasheet
72Kb / 8P
Triple 3-input NAND gate
1989 Sep 20
logo
STMicroelectronics
M54HC10 STMICROELECTRONICS-M54HC10 Datasheet
232Kb / 9P
TRIPLE 3-INPUT NAND GATE
Dec-1992
logo
Texas Instruments
CD74AC10 TI-CD74AC10 Datasheet
29Kb / 5P
Triple 3-Input NAND Gate
logo
Fairchild Semiconductor
74AC10 FAIRCHILD-74AC10 Datasheet
84Kb / 7P
Triple 3-Input NAND Gate
DM74AS10 FAIRCHILD-DM74AS10 Datasheet
46Kb / 4P
Triple 3-Input NAND Gate
DM74LS10 FAIRCHILD-DM74LS10 Datasheet
46Kb / 4P
Triple 3-Input NAND Gate
logo
Integral Corp.
74HC10E INTEGRAL-74HC10E Datasheet
125Kb / 4P
TRIPLE 3-INPUT NAND GATE
logo
ON Semiconductor
MC74AC10 ONSEMI-MC74AC10_15 Datasheet
87Kb / 8P
Triple 3-Input NAND Gate
January, 2015 ??Rev. 9
logo
Nexperia B.V. All right...
74HC10-Q100 NEXPERIA-74HC10-Q100 Datasheet
697Kb / 13P
Triple 3-input NAND gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com