Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HCT2G02 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HCT2G02 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HCT2G02
Download  74HCT2G02 Download
File Size   210.18 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual 2-input NOR gate

74HCT2G02 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HCT2G02 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HCT2G02
Download  74HCT2G02 Click to download

File Size   210.18 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual 2-input NOR gate

74HCT2G02 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HCT2G02 Product details

1. General description
The 74HC2G02; 74HCT2G02 is a dual 2-input NOR gate. Inputs include clamp diodes. This
enables the use of current limiting resistors to interface inputs to voltages in excess of VCC.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 6.0 V
• Input levels:
• For 74HC2G02: CMOS level
• For 74HCT2G02: TTL level
• Symmetrical output impedance
• High noise immunity
• Complies with JEDEC standard no. 7A (4.5 V to 5.5 V)
• Low power dissipation
• Balanced propagation delays
• Multiple package options
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74HCT2G02

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HCT2G02 PHILIPS-74HCT2G02 Datasheet
83Kb / 16P
Dual 2-input NOR gate
2003 May 14
74HCT2G02 NXP-74HCT2G02 Datasheet
91Kb / 13P
Dual 2-input NOR gate
Rev. 04-11 May 2009
logo
Nexperia B.V. All right...
74HCT2G02-Q100 NEXPERIA-74HCT2G02-Q100 Datasheet
209Kb / 12P
Dual 2-input NOR gate
Rev. 2 - 26 July 2018
logo
NXP Semiconductors
74HCT2G02DC PHILIPS-74HCT2G02DC Datasheet
83Kb / 16P
Dual 2-input NOR gate
2003 May 14
74HCT2G02DC NXP-74HCT2G02DC Datasheet
91Kb / 13P
Dual 2-input NOR gate
Rev. 04-11 May 2009
More results


Similar Description - 74HCT2G02

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
74LVC2G02 PANASONIC-74LVC2G02 Datasheet
91Kb / 16P
Dual 2-input NOR gate
logo
STMicroelectronics
74V2G02 STMICROELECTRONICS-74V2G02 Datasheet
86Kb / 7P
DUAL 2-INPUT NOR GATE
Jun-2003
logo
NXP Semiconductors
74LVC2G02 NXP-74LVC2G02 Datasheet
87Kb / 15P
Dual 2-input NOR gate
Rev. 05-4 September 2007
logo
Renesas Technology Corp
RD74LVC2G02 RENESAS-RD74LVC2G02 Datasheet
2Mb / 8P
Dual 2-Input NOR Gate
logo
Minilogic Device Corpor...
ML74WL02 MINILOGIC-ML74WL02 Datasheet
126Kb / 3P
Dual 2-input NOR Gate
logo
Unisonic Technologies
U74AHC2G02 UTC-U74AHC2G02 Datasheet
198Kb / 5P
DUAL 2-INPUT NOR GATE
U74AHC2G02 UTC-U74AHC2G02_15 Datasheet
207Kb / 5P
DUAL 2-INPUT NOR GATE
logo
ON Semiconductor
NL27WZ02 ONSEMI-NL27WZ02_13 Datasheet
109Kb / 5P
Dual 2-Input NOR Gate
March, 2013 ??Rev. 12
NL27WZ02 ONSEMI-NL27WZ02_19 Datasheet
186Kb / 11P
Dual 2-Input NOR Gate
January, 2019 ??Rev. 13
logo
Nexperia B.V. All right...
74LVC2G02-Q100 NEXPERIA-74LVC2G02-Q100 Datasheet
784Kb / 13P
Dual 2-input NOR gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com