Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5336 Datasheet (PDF) - Silicon Mitus, Inc.

SM5336 Datasheet PDF - Silicon Mitus, Inc.
Part # SM5336
Download  SM5336 Download
File Size   272.87 Kbytes
Page   3 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description Over-Voltage Protection IC with Smart Thermal Protection

SM5336 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5336 Datasheet PDF - Silicon Mitus, Inc.

Part # SM5336
Download  SM5336 Click to download

File Size   272.87 Kbytes
Page   3 Pages
Manufacturer  SILICONMITUS [Silicon Mitus, Inc.]
Direct Link  http://www.siliconmitus.com/
Logo SILICONMITUS - Silicon Mitus, Inc.
Description Over-Voltage Protection IC with Smart Thermal Protection

SM5336 Datasheet (HTML) - Silicon Mitus, Inc.


SM5336 Product details

Features
 Overvoltage Protection up to 28V DC
 VBUS Input Range
- VBUS: 3.7V to 28V
- 5A Max Continuous Current Capability
 Adjustable overvoltage threshold from 5V to 22V
 A ultra low RDS_ON 10mΩ (typ.) n-Channel MOSFET
 Built in Soft Start to prevent inrush current
 Ultra-Fast OVP response time(70ns, typ.)
 OTG Functionality from VBUSOUT to VBUSIN
 Smart Thermal Protection
- Integrated Two Comparators monitoring over-temp.
- Battery Disconnection output pin
- Turn off Internal n-MOSFET
- Over-temp. indicator and internal FET Disable Pin
 Fast VBUSIN Discharge(10kΩ, typ.)
 Powered by VBUSIN or Battery
 16-Bump, WLCSP 1.63mm x 1.63mm
Applications
▪ Mobile Handsets and Tablets.
▪ Wearable Devices




Similar Part No. - SM5336

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5330A NPC-SM5330A Datasheet
405Kb / 22P
3-channel Video Filter with Built-in 4-system Switch
SM5330AF NPC-SM5330AF Datasheet
405Kb / 22P
3-channel Video Filter with Built-in 4-system Switch
logo
Silicon Microstructures...
SM5331-BCE-S-010-000 SMI-SM5331-BCE-S-010-000 Datasheet
682Kb / 7P
Low Pressure Digital Sensor
logo
Silicon Mitus, Inc.
SM5334 SILICONMITUS-SM5334 Datasheet
176Kb / 2P
Over-Voltage Protection IC with Low RDS_ON 8 mΩ
Jun. 2017-Rev 0.0.2
SM5335 SILICONMITUS-SM5335 Datasheet
200Kb / 2P
Over-Voltage Protection IC with Low RDS_ON 29mΩ
July 2021 -Rev. 0.0.1
More results


Similar Description - SM5336

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT4686 ANALOGICTECH-AAT4686 Datasheet
259Kb / 13P
MOSFET Driver IC with Over-Voltage Protection
logo
Richtek Technology Corp...
RT9718 RICHTEK-RT9718 Datasheet
222Kb / 10P
Over Voltage Protection IC
logo
Will Semiconductor Ltd.
WS3202E WILLSEMI-WS3202E Datasheet
389Kb / 7P
Over voltage and over current protection IC
WS3202K WILLSEMI-WS3202K Datasheet
197Kb / 8P
Over voltage and over current protection IC
logo
Shenzhen Huazhimei Semi...
HM9709 HMSEMI-HM9709 Datasheet
2Mb / 8P
Over Voltage and Over Current Protection IC
HM4802 HMSEMI-HM4802 Datasheet
715Kb / 5P
Over voltage and over current protection IC
logo
Lowpower Semiconductor ...
LP5300 POWER-LP5300 Datasheet
462Kb / 7P
Over Voltage and Over Current Protection IC
LP5301 POWER-LP5301 Datasheet
645Kb / 8P
Over Voltage and Over Current Protection IC
logo
Shenzhen Huazhimei Semi...
HM4801 HMSEMI-HM4801 Datasheet
749Kb / 6P
Over voltage and over current protection IC
logo
Silicon Mitus, Inc.
SM5328B SILICONMITUS-SM5328B Datasheet
198Kb / 2P
Over-Voltage Protection IC with ±100V Surge & ESD Protection
July 2021 - Rev. 1.0.1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com