Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC824 Datasheet (PDF) - Renesas Technology Corp

UPC824 Datasheet PDF - Renesas Technology Corp
Part # UPC824
Download  UPC824 Download
File Size   638.38 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Noise J-FET Input Quad Operational Amplifier

UPC824 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC824 Datasheet PDF - Renesas Technology Corp

Part # UPC824
Download  UPC824 Click to download

File Size   638.38 Kbytes
Page   8 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Low Noise J-FET Input Quad Operational Amplifier

UPC824 Datasheet (HTML) - Renesas Technology Corp


UPC824 Product details

FEATURES
 Input Offset Voltage ±2 mV (TYP.)
 Input Bias Current 30 pA (TYP.)
 Slew Rate 13 V/μs (TYP.)
 Unity Gain Frequency 3 MHz (TYP.)
 Input Referred Noise Voltage Density 17 nV/ Hz (TYP.) (f = 1 kHz)
 Built-In Phase Compensation Circuit
 Built-In Output Short Circuit Protection
 Standard Quad Op-Amp terminal connection (pin compatible)




Similar Part No. - UPC824

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC824 RENESAS-UPC824 Datasheet
501Kb / 8P
Low Noise J-FET Input Quad Operational Amplifier
Rev.2.00 Feb.21.25
UPC8240T6N RENESAS-UPC8240T6N Datasheet
347Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2008
UPC8240T6N-E2 RENESAS-UPC8240T6N-E2 Datasheet
347Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2008
logo
California Eastern Labs
UPC8240T6N-E2-A CEL-UPC8240T6N-E2-A Datasheet
742Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
UPC8240T6N-E2-A RENESAS-UPC8240T6N-E2-A Datasheet
347Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2008
More results


Similar Description - UPC824

ManufacturerPart #DatasheetDescription
logo
NEC
UPC4074 NEC-UPC4074 Datasheet
277Kb / 10P
LOW NOISE J-FET INPUT QUAD OPERATIONAL AMPLIFIER??????
logo
Unisonic Technologies
UTCTL074 UTC-UTCTL074 Datasheet
391Kb / 9P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084 Datasheet
198Kb / 5P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084_10 Datasheet
218Kb / 5P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_11 Datasheet
380Kb / 10P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
PC4074 RENESAS-PC4074_15 Datasheet
249Kb / 11P
J-FET INPUT LOW-NOISE QUAD OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
TL084 UTC-TL084_15 Datasheet
218Kb / 5P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL074 UTC-TL074_15 Datasheet
406Kb / 10P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
TL084 UTC-TL084_18 Datasheet
246Kb / 6P
LOW NOISE QUAD J-FET OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
UPC834 RENESAS-UPC834 Datasheet
504Kb / 8P
Low Noise J-FET Input Quad Operational Amplifier
2019.11.12
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com