Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1590289 Datasheet (PDF) - PHOENIX CONTACT

1590289 Datasheet PDF - PHOENIX CONTACT
Part # 1590289
Download  1590289 Download
File Size   307.04 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HC-26P1N1290DU - Coupler connector

1590289 Datasheet (PDF)

Go To PDF Page Download Datasheet
1590289 Datasheet PDF - PHOENIX CONTACT

Part # 1590289
Download  1590289 Click to download

File Size   307.04 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description HC-26P1N1290DU - Coupler connector

1590289 Datasheet (HTML) - PHOENIX CONTACT


1590289 Product details

Coupler connector, straight, Screw locking, M27, number of positions: 26, type of contact: Pin,
shielded: yes, degree of protection: IP67, cable diameter range: 2 mm ... 14.5 mm, number of
positions: 26, connection method: Solder connection, series: HC, Alternative product in
accordance with RoHS II without Exemption 6c (Pb <0.1%) item no.: 1240138




Similar Part No. - 1590289

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1590280 PHOENIX-1590280 Datasheet
307Kb / 6P
HC-26P1N124300 - Device connector rear mounting
1590282 PHOENIX-1590282 Datasheet
356Kb / 7P
HC-26P1N126300 - Device connector front mounting
More results


Similar Description - 1590289

ManufacturerPart #DatasheetDescription
logo
HARTING Technology Grou...
09-30-716-0730 HARTING-09-30-716-0730 Datasheet
677Kb / 2P
Han B Hood Coupler HC 2 Levers PG 21
19-30-006-0757 HARTING-19-30-006-0757 Datasheet
514Kb / 2P
Han B Hood Coupler HC 1 Lever M32
19-30-006-0756 HARTING-19-30-006-0756 Datasheet
514Kb / 2P
Han B Hood Coupler HC 1 Lever M25
19-30-006-0716 HARTING-19-30-006-0716 Datasheet
472Kb / 2P
Han 6B Hood Coupler HC Flange housing
19-30-010-0737 HARTING-19-30-010-0737 Datasheet
493Kb / 2P
Han B Hood Coupler HC 2 Levers M32
19-30-016-0738 HARTING-19-30-016-0738 Datasheet
505Kb / 2P
Han B Hood Coupler HC 2 Levers M40
19-30-016-0737 HARTING-19-30-016-0737 Datasheet
506Kb / 2P
Han B Hood Coupler HC 2 Levers M32
19-30-016-0736 HARTING-19-30-016-0736 Datasheet
505Kb / 2P
Han 16B Hood Coupler HC
19-30-724-0729 HARTING-19-30-724-0729 Datasheet
517Kb / 2P
Han 24B Hood coupler HC M50 black 2lever
19-30-716-0737 HARTING-19-30-716-0737 Datasheet
677Kb / 2P
Han B Hood Coupler HC 2 Levers M32
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com