Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP8T245 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AXP8T245 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AXP8T245
Download  74AXP8T245 Download
File Size   325.87 Kbytes
Page   27 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit dual supply translating transceiver; 3-state

74AXP8T245 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AXP8T245 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AXP8T245
Download  74AXP8T245 Click to download

File Size   325.87 Kbytes
Page   27 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit dual supply translating transceiver; 3-state

74AXP8T245 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AXP8T245 Product details

1. General description
The 74AXP8T245 is an 8-bit dual supply translating transceiver with 3-state outputs that enable
bidirectional level translation. It features two data input-output ports (pins An and Bn), a direction
control input (DIR), an output enable input (OE) and dual supply pins (VCC(A) and VCC(B)). Both
VCC(A) and VCC(B) can be supplied at any voltage between 0.9 V and 5.5 V making the device
suitable for translating between any of the low voltage nodes (0.9 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V,
3.3 V and 5.0 V). No power supply sequencing is required and output glitches during power supply
transitions are prevented using patented circuitry. As a result glitches will not appear on the outputs
for supply transitions during power-up/down between 20 mV/μs and 5.5 V/s.
Pins An, OE and DIR are referenced to VCC(A) and pins Bn are referenced to VCC(B). A HIGH on
DIR allows transmission from An to Bn and a LOW on DIR allows transmission from Bn to An. The
output enable input (OE) can be used to disable the outputs so the buses are effectively isolated.
The devices are fully specified for partial power-down applications using IOFF. The IOFF circuitry
disables the output, preventing any damaging backflow current through the device when it is
powered down. In suspend mode when either VCC(A) or VCC(B) are at GND level, both An and Bn
are in the high-impedance OFF-state.
2. Features and benefits
• Wide supply voltage range:
• VCC(A): 0.9 V to 5.5 V
• VCC(B): 0.9 V to 5.5 V
• Low input capacitance; CI = 1.5 pF (typical)
• Low output capacitance; CO = 3.8 pF (typical)
• Low dynamic power consumption; CPD = 10 pF (typical)
• Low static power consumption; ICC = 2 μA (25 °C maximum)
• High noise immunity
• Complies with JEDEC standard:
• JESD8-12 (1.1 V to 1.3 V; inputs)
• JESD8-11 (1.4 V to 1.6 V)
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• JESD12-6 (4.5 V to 5.5 V)
• ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 class 2 exceeds 2 kV
• CDM: ANSI/ESDA/JEDEC JS-002 class C3 exceeds 1 kV
• Latch-up performance exceeds 100 mA per JESD78D Class II
• Inputs accept voltages up to 5.5 V
• Low noise overshoot and undershoot < 10% of VCCO
• IOFF circuitry provides partial power-down mode operation
• Specified from -40 °C to +125 °C




Similar Part No. - 74AXP8T245

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AXP1G00 NEXPERIA-74AXP1G00 Datasheet
794Kb / 17P
Low-power 2-input NAND gate
74AXP1G00GM NEXPERIA-74AXP1G00GM Datasheet
794Kb / 17P
Low-power 2-input NAND gate
74AXP1G00GN NEXPERIA-74AXP1G00GN Datasheet
794Kb / 17P
Low-power 2-input NAND gate
74AXP1G00GS NEXPERIA-74AXP1G00GS Datasheet
794Kb / 17P
Low-power 2-input NAND gate
74AXP1G00GX NEXPERIA-74AXP1G00GX Datasheet
794Kb / 17P
Low-power 2-input NAND gate
More results


Similar Description - 74AXP8T245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX3245 FAIRCHILD-74LVX3245 Datasheet
64Kb / 7P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX4245 FAIRCHILD-74LVX4245 Datasheet
86Kb / 8P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245 FAIRCHILD-74LVX3245_10 Datasheet
1Mb / 9P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245MTCX FAIRCHILD-74LVX3245MTCX Datasheet
1Mb / 9P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
74LVX3245WMX FAIRCHILD-74LVX3245WMX Datasheet
1Mb / 9P
8-Bit Dual Supply Translating Transceiver with 3-STATE Outputs
logo
NXP Semiconductors
74LVC8T245BQ NXP-74LVC8T245BQ Datasheet
200Kb / 28P
8-bit dual supply translating transceiver; 3-state
Rev. 3-12 December 2011
logo
Nexperia B.V. All right...
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
8-bit dual supply translating transceiver; 3-state
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
8-bit dual supply translating transceiver; 3-state
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com