Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74CBTLV3253DS Datasheet (PDF) - Nexperia B.V. All rights reserved

74CBTLV3253DS Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74CBTLV3253DS
Download  74CBTLV3253DS Download
File Size   326.51 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual 1-of-4 multiplexer/demultiplexer

74CBTLV3253DS Datasheet (PDF)

Go To PDF Page Download Datasheet
74CBTLV3253DS Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74CBTLV3253DS
Download  74CBTLV3253DS Click to download

File Size   326.51 Kbytes
Page   18 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual 1-of-4 multiplexer/demultiplexer

74CBTLV3253DS Datasheet (HTML) - Nexperia B.V. All rights reserved


74CBTLV3253DS Product details

1. General description
The 74CBTLV3253 provides a dual 1-of-4 high-speed multiplexer/demultiplexer with two common
select inputs (S0, S1) and two output enable inputs (1OE, 2OE). The low ON resistance of the
switch allows inputs to be connected to outputs without adding propagation delay or generating
additional ground bounce noise. When pin nOE = LOW, one of the four switches is selected
(low-impedance ON-state) with pins S0 and S1. When pin nOE = HIGH, all switches are in the
high-impedance OFF-state, independent of pins S0 and S1.
To ensure the high-impedance OFF-state during power-up or power-down, nOE should be tied
to the VCC through a pull-up resistor. The minimum value of the resistor is determined by the
current-sinking capability of the driver.
Schmitt trigger action at control input makes the circuit tolerant to slower input rise and fall times
across the entire VCC range from 2.3 V to 3.6 V.
This device is fully specified for partial power-down applications using IOFF. The IOFF circuitry
disables the output, preventing the damaging backflow current through the device when it is
powered down.
2. Features and benefits
• Supply voltage range from 2.3 V to 3.6 V
• High noise immunity
• Complies with JEDEC standard:
• JESD8-5 (2.3 V to 2.7 V)
• JESD8-B/JESD36 (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• CDM AEC-Q100-011 revision B exceeds 1000 V
• 5 Ω switch connection between two ports
• Rail to rail switching on data I/O ports
• CMOS low power consumption
• Latch-up performance exceeds 250 mA per JESD78B Class I level A
• IOFF circuitry provides partial Power-down mode operation
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74CBTLV3253DS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74CBTLV3253DS NXP-74CBTLV3253DS Datasheet
174Kb / 19P
Dual 1-of-4 multiplexer/demultiplexer
Rev. 4-15 December 2011
More results


Similar Description - 74CBTLV3253DS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74CBT3253 TI-SN74CBT3253 Datasheet
571Kb / 14P
DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
CBT3253 PHILIPS-CBT3253 Datasheet
98Kb / 12P
Dual 1-of-4 FET multiplexer/demultiplexer
2002 Nov 04
logo
Texas Instruments
SN74CB3Q3253 TI-SN74CB3Q3253 Datasheet
338Kb / 13P
DUAL 1 OF 4 FET MULTIPLEXER/ DEMULTIPLEXER
SN74CBT3253 TI-SN74CBT3253_07 Datasheet
721Kb / 16P
DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
Toshiba Semiconductor
TC7MB3253FT TOSHIBA-TC7MB3253FT Datasheet
129Kb / 8P
Dual 1-of-4 FET Multiplexer/Demultiplexer
logo
Texas Instruments
74CB3T3253DGVRE4 TI-74CB3T3253DGVRE4 Datasheet
709Kb / 19P
DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER
logo
NXP Semiconductors
74CBTLV3253BQ NXP-74CBTLV3253BQ Datasheet
174Kb / 19P
Dual 1-of-4 multiplexer/demultiplexer
Rev. 4-15 December 2011
74CBTLV3253 PHILIPS-74CBTLV3253_15 Datasheet
174Kb / 19P
Dual 1-of-4 multiplexer/demultiplexer
Rev. 4-15 December 2011
logo
Nexperia B.V. All right...
74CBTLV3253-Q100 NEXPERIA-74CBTLV3253-Q100 Datasheet
893Kb / 19P
Dual 1-of-4 multiplexer/demultiplexer
CBT3253 NEXPERIA-CBT3253 Datasheet
226Kb / 11P
Dual 1-of-4 FET multiplexer/demultiplexer
Rev. 4 - 23 March 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com