Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC158D Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC158D Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC158D
Download  74HC158D Download
File Size   693.45 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input multiplexer; inverting

74HC158D Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC158D Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC158D
Download  74HC158D Click to download

File Size   693.45 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input multiplexer; inverting

74HC158D Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC158D Product details

1. General description
The 74HC158 is a high-speed Si-gate CMOS device and is pin compatible with low power
Schottky TTL (LSTTL). The 74HC158 is specified in compliance with JEDEC
standard no. 7A.
The 74HC158 is a quad 2-input multiplexer which select 4 bits of data from two sources
and are controlled by a common data select input (S). The four outputs present the
selected data in the inverted form. The enable input (E) is active LOW.
When E is HIGH, all the outputs (1Y to 4Y) are forced HIGH regardless of all other input
conditions.
Moving the data from two groups of registers to four common output buses is a common
use of the 74HC158. The state of S determines the particular register from which the data
comes. It can also be used as a function generator.
The device is useful for implementing highly irregular logic by generating any four of the
16 different functions of two variables with one variable common.
The 74HC158 is the logic implementation of a 4-pole, 2-position switch, where the
position of the switch is determined by the logic levels applied to S.
The logic equations for the output are:
1Y = E.(1l1.S  1l0.S)
2Y = E.(2l1.S  2l0.S)
3Y = E.(3l1.S  3l0.S)
4Y = E.(4l1.S  4l0.S)
The 74HC158 is identical to the 74HC157 but has inverting outputs.
2. Features and benefits
 Low-power dissipation
 Inverting data path
 Complies with JEDEC standard no. 7A
 ESD protection:
 HBM JESD22-A114F exceeds 2 000 V
 MM JESD22-A115-A exceeds 200 V
 Multiple package options

74HC158
Quad 2-input multiplexer; inverting
Rev. 4 — 23 December 2015 Product data sheet
Specified from −40° C to +85 °C and −40 °C to +125 °C




Similar Part No. - 74HC158D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC158D PHILIPS-74HC158D Datasheet
44Kb / 7P
Quad 2-input multiplexer; inverting
December 1990
More results


Similar Description - 74HC158D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10158 ONSEMI-MC10158 Datasheet
107Kb / 4P
Quad 2-Input Multiplexer(Non-Inverting)
1996 REV 5
MC10159 ONSEMI-MC10159 Datasheet
109Kb / 4P
Quad 2-Input Multiplexer(Inverting)
1996 REV 5
MC10H158 ONSEMI-MC10H158 Datasheet
103Kb / 4P
Quad 2-Input Multiplexer(Non-Inverting)
REV 5
MC10H159 ONSEMI-MC10H159 Datasheet
104Kb / 4P
Quad 2-Input Multiplexer(Inverting)
1996 REV 5
logo
NXP Semiconductors
74HC158 PHILIPS-74HC158 Datasheet
44Kb / 7P
Quad 2-input multiplexer; inverting
December 1990
logo
Intersil Corporation
CD54AC157 INTERSIL-CD54AC157 Datasheet
8Kb / 1P
Quad 2-Input Multiplexer Non-Inverting
June 1997
logo
ON Semiconductor
MC10159 ONSEMI-MC10159_02 Datasheet
89Kb / 4P
Quad 2-Input Multiplexer (Inverting)
January, 2002 ??Rev. 7
MC10158 ONSEMI-MC10158_02 Datasheet
88Kb / 4P
Quad 2-Input Multiplexer (Non-Inverting)
January, 2002 ??Rev. 7
logo
NXP Semiconductors
74HC258 NXP-74HC258 Datasheet
100Kb / 14P
Quad 2-input multiplexer; 3-state; inverting
Rev. 04-14 April 2008
74HC158 PHILIPS-74HC158_15 Datasheet
90Kb / 16P
Quad 2-input multiplexer; inverting
Rev. 03-12 November 2004
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com