Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC40103 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC40103 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC40103
Download  74HC40103 Download
File Size   836.05 Kbytes
Page   23 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit synchronous binary down counter

74HC40103 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC40103 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC40103
Download  74HC40103 Click to download

File Size   836.05 Kbytes
Page   23 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit synchronous binary down counter

74HC40103 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC40103 Product details

1. General description
The 74HC40103 is an 8-bit synchronous down counter. It has control inputs for enabling
or disabling the clock (CP), for clearing the counter to its maximum count and for
presetting the counter either synchronously or asynchronously. In normal operation, the
counter is decremented by one count on each positive-going transition of the clock (CP).
Counting is inhibited when the terminal enable input (TE) is HIGH. The terminal count
output (TC) goes LOW when the count reaches zero if TE is LOW, and remains LOW for
one full clock period. When the synchronous preset enable input (PE) is LOW, data at the
jam input (P0 to P7) is clocked into the counter on the next positive-going clock transition
regardless of the state of TE. When the asynchronous preset enable input (PL) is LOW,
data at the jam input (P0 to P7) is asynchronously forced into the counter regardless of
the state of PE, TE, or CP. The jam inputs (P0 to P7) represent a single 8-bit binary word.
When the master reset input (MR) is LOW, the counter is asynchronously cleared to its
maximum count (decimal 255) regardless of the state of any other input. If all control
inputs except TE are HIGH at the time of zero count, the counters will jump to the
maximum count, giving a counting sequence of 256 clock pulses long. Device may be
cascaded using the TE input and the TC output, in either a synchronous or ripple mode.
Inputs include clamp diodes. This enables the use of current limiting resistors to interface
inputs to voltages in excess of VCC.
2. Features and benefits
 Cascadable
 Synchronous or asynchronous preset
 Low-power dissipation
 Complies with JEDEC standard no. 7A
 CMOS input levels
 ESD protection:
 HBM JESD22-A114F exceeds 2000 V
 MM JESD22-A115-A exceeds 200 V
 Multiple package options
 Specified from 40 C to +80 C and from 40 C to +125 C
3. Applications
 Divide-by-n counters
 Programmable timers
 Interrupt timers
 Cycle/program counters.




Similar Part No. - 74HC40103

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC40103 PHILIPS-74HC40103 Datasheet
136Kb / 17P
8-bit synchronous binary down counter
1998 Jul 08
74HC40103 PHILIPS-74HC40103 Datasheet
144Kb / 25P
8-bit synchronous binary down counter
Rev. 03-12 November 2004
74HC40103D PHILIPS-74HC40103D Datasheet
136Kb / 17P
8-bit synchronous binary down counter
1998 Jul 08
logo
Integrated Circuit Syst...
74HC40103D ICST-74HC40103D Datasheet
136Kb / 17P
8-bit synchronous binary down counter
logo
NXP Semiconductors
74HC40103D PHILIPS-74HC40103D Datasheet
144Kb / 25P
8-bit synchronous binary down counter
Rev. 03-12 November 2004
More results


Similar Description - 74HC40103

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E016 ONSEMI-MC10E016 Datasheet
161Kb / 8P
8-BIT SYNCHRONOUS BINARY UP COUNTER
1996 REV 2
logo
NXP Semiconductors
74HC40103 PHILIPS-74HC40103 Datasheet
136Kb / 17P
8-bit synchronous binary down counter
1998 Jul 08
logo
Texas Instruments
SN74F169 TI-SN74F169 Datasheet
126Kb / 9P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
Micrel Semiconductor
SY10E016 MICREL-SY10E016 Datasheet
102Kb / 10P
8-BIT SYNCHRONOUS BINARY UP COUNTER
logo
Integrated Circuit Syst...
74HCT40103 ICST-74HCT40103 Datasheet
136Kb / 17P
8-bit synchronous binary down counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
Texas Instruments
74ACT11191 TI1-74ACT11191 Datasheet
135Kb / 9P
SYNCHRONOUS 4-BIT UP/DOWN BINARY COUNTER
logo
NXP Semiconductors
74HC40103DB PHILIPS-74HC40103DB Datasheet
144Kb / 25P
8-bit synchronous binary down counter
Rev. 03-12 November 2004
logo
Texas Instruments
SN54HC191-DIE TI1-SN54HC191-DIE Datasheet
132Kb / 6P
4-Bit Synchronous Up/Down Binary Counter
logo
SEMTECH ELECTRONICS LTD...
100E016 SEMTECH_ELEC-100E016 Datasheet
180Kb / 9P
8-Bit Synchronous Binary Up Counter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com