Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC4515 Datasheet (PDF) - Nexperia B.V. All rights reserved

74HC4515 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74HC4515
Download  74HC4515 Download
File Size   212.01 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 4-to-16 line decoder/demultiplexer with input latches; inverting

74HC4515 Datasheet (PDF)

Go To PDF Page Download Datasheet
74HC4515 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74HC4515
Download  74HC4515 Click to download

File Size   212.01 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 4-to-16 line decoder/demultiplexer with input latches; inverting

74HC4515 Datasheet (HTML) - Nexperia B.V. All rights reserved


74HC4515 Product details

1 General description
The 74HC4515 is a 4-to-16 line decoder/demultiplexer having four binary weighted
address inputs (A0 to A3) with latches, a latch enable input (LE), an enable input (E) and
16 inverting outputs (Q0, to Q15).
When LE is HIGH, the selected output is determined by the data on An. When LE goes
LOW, the last data present at An are stored in the latches and the outputs remain stable.
When E is LOW, the selected output, determined by the contents of the latch, is LOW.
When E is HIGH, all outputs are HIGH. The enable input E does not affect the state of
the latch. When the device is used as a demultiplexer, E is the data input and A0 to A3
are the address inputs.
Inputs include clamp diodes. This enables the use of current limiting resistors to interface
inputs to voltages in excess of VCC.
2 Features and benefits
• Inverting outputs
• CMOS input levels
• 16-line demultiplexing capability
• Decodes 4 binary-coded inputs into 16 mutually-exclusive outputs
• Complies with JEDEC standard no. 7 A
• ESD protection:
– HBM JESD22-A114F exceeds 2000 V
– MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C and -40 °C to +125 °C
3 Applications
• Digital multiplexing
• Address decoding
• Hexadecimal/BCD decoding




Similar Part No. - 74HC4515

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4515 PHILIPS-74HC4515 Datasheet
64Kb / 8P
4-to-16 line decoder/demultiplexer with input latches; inverting
September 1993
logo
Nexperia B.V. All right...
74HC4515 NEXPERIA-74HC4515 Datasheet
67Kb / 8P
4-to-16 line decoder/demultiplexer with input latches; inverting
September 1993
logo
NXP Semiconductors
74HC4515D PHILIPS-74HC4515D Datasheet
64Kb / 8P
4-to-16 line decoder/demultiplexer with input latches; inverting
September 1993
74HC4515DB PHILIPS-74HC4515DB Datasheet
64Kb / 8P
4-to-16 line decoder/demultiplexer with input latches; inverting
September 1993
74HC4515N PHILIPS-74HC4515N Datasheet
64Kb / 8P
4-to-16 line decoder/demultiplexer with input latches; inverting
September 1993
More results


Similar Description - 74HC4515

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC137 PHILIPS-74HC137 Datasheet
68Kb / 8P
3-to-8 line decoder/demultiplexer with address latches; inverting
Rev. 03-11 November 2004
74HC4514 PHILIPS-74HC4514 Datasheet
76Kb / 9P
4-to-16 line decoder/demultiplexer with input latches
September 1993
74HC4515 PHILIPS-74HC4515 Datasheet
64Kb / 8P
4-to-16 line decoder/demultiplexer with input latches; inverting
September 1993
74HC137 PHILIPS-74HC137 Datasheet
107Kb / 19P
3-to-8 line decoder, demultiplexer with address latches inverting
Rev. 03-11 November 2004
74HC137 PHILIPS-74HC137_1 Datasheet
72Kb / 8P
3-to-8 line decoder/demultiplexer with address latches; inverting
December 1990
74HC_HCT4514_CNV PHILIPS-74HC_HCT4514_CNV_15 Datasheet
80Kb / 9P
4-to-16 line decoder/demultiplexer with input latches
September 1993
74HC_HCT4515_CNV PHILIPS-74HC_HCT4515_CNV_15 Datasheet
68Kb / 8P
4-to-16 line decoder/demultiplexer with input latches; inverting
September 1993
logo
Nexperia B.V. All right...
74HC4514-Q100 NEXPERIA-74HC4514-Q100 Datasheet
242Kb / 14P
4-to-16 line decoder/demultiplexer with input latches
Rev. 1 - 1 September 2022
74HCT4514 NEXPERIA-74HCT4514 Datasheet
276Kb / 16P
4-to-16 line decoder/demultiplexer with input latches
Rev. 4 - 15 July 2021
74HCT4515 NEXPERIA-74HCT4515 Datasheet
67Kb / 8P
4-to-16 line decoder/demultiplexer with input latches; inverting
September 1993
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com