Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1861A Datasheet (PDF) - Belden Inc.

1861A Datasheet PDF - Belden Inc.
Part # 1861A
Download  1861A Download
File Size   157.72 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, CMP

1861A Datasheet (PDF)

Go To PDF Page Download Datasheet
1861A Datasheet PDF - Belden Inc.

Part # 1861A
Download  1861A Click to download

File Size   157.72 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, CMP

1861A Datasheet (HTML) - Belden Inc.


1861A Product details

Product Description
Speaker Cable, 2 Conductor 14 AWG stranded high conductivity bare copper conductors with Flamarrest® insulation, cabled in an open twisted construction,
Plenum-CL2P.




Similar Part No. - 1861A

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1861 MACOM-1861 Datasheet
53Kb / 1P
Farnell Technical Data Services
logo
Heyco.
1861 HEYCO-1861 Datasheet
130Kb / 1P
RDD Lockit™ Strain Relief Bushings – Straight-Thru
logo
Adafruit Industries
1861 ADAFRUIT-1861 Datasheet
122Kb / 3P
Supported Slide Rail - 15mm wide - 500mm long
1/7/2016
logo
Bud Industries, Inc.
1861-AB BUD-1861-AB Datasheet
90Kb / 1P
ADAPTER BRACKET
logo
Atom Lighting
18610 ATOM-18610 Datasheet
278Kb / 2P
AT9421
31st of January 2025 05:57:31
More results


Similar Description - 1861A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8814 BELDEN-8814 Datasheet
155Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, CM
04-14-2023
8818WB BELDEN-8818WB Datasheet
147Kb / 2P
Speaker Cable, 2 Conductor 18 AWG BC, Unshielded, Waterblocked
04-14-2023
9716 BELDEN-9716 Datasheet
145Kb / 2P
Speaker Cable, 2 Conductor 16 AWG BC, Unshielded, CM
12-19-2022
9717 BELDEN-9717 Datasheet
146Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, CM
12-20-2022
1860A BELDEN-1860A Datasheet
157Kb / 2P
Speaker Cable, 2 Conductor 12 AWG BC, Unshielded, CMP
12-19-2022
1863A BELDEN-1863A Datasheet
157Kb / 2P
Speaker Cable, 2 Conductor 18 AWG BC, Unshielded, CMP
12-19-2022
8649 BELDEN-8649 Datasheet
151Kb / 2P
Speaker Cable, 2 Conductor 20 AWG BC, Unshielded, CM
12-19-2022
8814WB BELDEN-8814WB Datasheet
147Kb / 2P
Speaker Cable, 2 Conductor 14 AWG BC, Unshielded, Waterblocked
04-14-2023
1862A BELDEN-1862A Datasheet
157Kb / 2P
Speaker Cable, 2 Conductor 16 AWG BC, Unshielded, CMP
12-20-2022
8810WB BELDEN-8810WB Datasheet
146Kb / 2P
Speaker Cable, 2 Conductor 10 AWG BC, Unshielded, Waterblocked
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com