Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

6000FE Datasheet (PDF) - Belden Inc.

6000FE Datasheet PDF - Belden Inc.
Part # 6000FE
Download  6000FE Download
File Size   146.36 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Conductor 12 AWG, BC, O/A Foil, CL2P

6000FE Datasheet (PDF)

Go To PDF Page Download Datasheet
6000FE Datasheet PDF - Belden Inc.

Part # 6000FE
Download  6000FE Click to download

File Size   146.36 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Security & Sound, 2 Conductor 12 AWG, BC, O/A Foil, CL2P

6000FE Datasheet (HTML) - Belden Inc.


6000FE Product details

Product Description
Security & Sound Cable , Plenum-CL2P, 2-12 AWG stranded bare copper conductors with Flamarrest® insulation, Beldfoil® shield and Flamarrest® jacket with
ripcord




Similar Part No. - 6000FE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6000FH BELDEN-6000FH Datasheet
143Kb / 2P
Security & Sound, 2 Conductor 12 AWG TC, CL2P
12-20-2022
6000FH-8771000 BELDEN-6000FH-8771000 Datasheet
143Kb / 2P
Security & Sound, 2 Conductor 12 AWG TC, CL2P
12-20-2022
6000FL BELDEN-6000FL Datasheet
159Kb / 2P
Security & Sound, #12-2c, BC, O/A Foil, FPLP
02-15-2024
6000FL-0021000 BELDEN-6000FL-0021000 Datasheet
159Kb / 2P
Security & Sound, #12-2c, BC, O/A Foil, FPLP
02-15-2024
More results


Similar Description - 6000FE

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
6000UE BELDEN-6000UE Datasheet
263Kb / 2P
Security & Sound, 2 Conductor 12 AWG BC, CL2P
6000FH BELDEN-6000FH Datasheet
143Kb / 2P
Security & Sound, 2 Conductor 12 AWG TC, CL2P
12-20-2022
6002UH BELDEN-6002UH Datasheet
142Kb / 2P
Security & Sound, 4 Conductor 12 AWG TC, CL2P
12-20-2022
6101UE BELDEN-6101UE Datasheet
148Kb / 2P
Security & Sound, 3 Conductor 14 AWG BC, CL2P
12-20-2022
5000FE BELDEN-5000FE Datasheet
171Kb / 2P
Security & Sound, 2 Conductor 12 AWG, BC, O/A Foil, CL3R-FPLR
05-03-2023
6100FH BELDEN-6100FH Datasheet
143Kb / 2P
Security & Sound, 2 Conductor 14 AWG TC, CL2P
12-20-2022
6401FE BELDEN-6401FE Datasheet
179Kb / 2P
Security & Sound, 3 Conductor 20 AWG BC, O/A Foil, CMP
12-20-2022
5401FE BELDEN-5401FE Datasheet
179Kb / 2P
Security & Sound, 3 Conductor 20 AWG, BC, O/A Foil, CMR
12-20-2022
6100FE BELDEN-6100FE Datasheet
171Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, Shielded, CL2P
03-29-2023
6100UE BELDEN-6100UE Datasheet
148Kb / 2P
Security & Sound, 2 Conductor 14 AWG BC, CL2P
04-28-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com