Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RB521S30 Datasheet (PDF) - Nexperia B.V. All rights reserved

RB521S30 Datasheet PDF - Nexperia B.V. All rights reserved
Part # RB521S30
Download  RB521S30 Download
File Size   235.76 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 200 mA low Vf MEGA Schottky barrier rectifier

RB521S30 Datasheet (PDF)

Go To PDF Page Download Datasheet
RB521S30 Datasheet PDF - Nexperia B.V. All rights reserved

Part # RB521S30
Download  RB521S30 Click to download

File Size   235.76 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 200 mA low Vf MEGA Schottky barrier rectifier

RB521S30 Datasheet (HTML) - Nexperia B.V. All rights reserved


RB521S30 Product details

1. General description
Planar Maximum Efficiency General Application (MEGA) Schottky barrier rectifier with an integrated
guard ring for stress protection, encapsulated in a SOD523 (SC-79) ultra small and flat lead
Surface-Mounted Device (SMD) plastic package.

2. Features and benefits
• Average forward current: IF(AV) ≤ 0.2 A
• Reverse voltage: VR ≤ 30 V
• Low reverse current: IR ≤ 30 uA
• AEC-Q101 qualified
• Ultra small and flat lead SMD plastic package

3. Applications
• Low current rectification
• High efficiency DC-to-DC conversion
• Switch Mode Power Supply (SMPS)
• Reverse polarity protection
• Low power consumption applications




Similar Part No. - RB521S30

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
RB521S30 PANJIT-RB521S30 Datasheet
110Kb / 3P
SURFACE MOUNT SCHOTTKY DIODE
logo
Unisonic Technologies
RB521S30 UTC-RB521S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODES
logo
Fairchild Semiconductor
RB521S30 FAIRCHILD-RB521S30 Datasheet
155Kb / 5P
Schottky Barrier Diodes
logo
NXP Semiconductors
RB521S30 NXP-RB521S30 Datasheet
258Kb / 12P
200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-6 October 2009
logo
Unisonic Technologies
RB521S30 UTC-RB521S30 Datasheet
168Kb / 3P
SCHOTTKY BARRIER DIODES
More results


Similar Description - RB521S30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
RB520S30 NXP-RB520S30 Datasheet
267Kb / 12P
200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-6 October 2009
RB521S30 NXP-RB521S30 Datasheet
258Kb / 12P
200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-6 October 2009
PMEG6002EJ NXP-PMEG6002EJ Datasheet
104Kb / 13P
200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-15 May 2009
PMEG3002EJ NXP-PMEG3002EJ Datasheet
103Kb / 13P
200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-15 May 2009
PMEG3002EJ PHILIPS-PMEG3002EJ_15 Datasheet
103Kb / 13P
200 mA low VF MEGA Schottky barrier rectifier
Rev. 01-15 May 2009
RB520CS3002L PHILIPS-RB520CS3002L_15 Datasheet
204Kb / 13P
200 mA low VF MEGA Schottky barrier rectifier
25 June 2013
logo
Nexperia B.V. All right...
RB520CS3002L NEXPERIA-RB520CS3002L Datasheet
689Kb / 13P
200 mA low VF MEGA Schottky barrier rectifier
PMEG6002EJ-Q NEXPERIA-PMEG6002EJ-Q Datasheet
254Kb / 13P
200 mA low Vf MEGA Schottky barrier rectifier
3 May 2022
PMEG3002EJ NEXPERIA-PMEG3002EJ Datasheet
218Kb / 14P
200 mA low VF MEGA Schottky barrier rectifier
Rev. 01 - 15 May 2009
PMEG4002EJ NEXPERIA-PMEG4002EJ Datasheet
218Kb / 14P
200 mA low VF MEGA Schottky barrier rectifier
Rev. 01 - 15 May 2009
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com