Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2250 Datasheet (PDF) - Renesas Technology Corp

UPC2250 Datasheet PDF - Renesas Technology Corp
Part # UPC2250
Download  UPC2250 Download
File Size   238.99 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BIPOLAR ANALOG INTEGRATED CIRCUIT

UPC2250 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPC2250 Datasheet PDF - Renesas Technology Corp

Part # UPC2250
Download  UPC2250 Click to download

File Size   238.99 Kbytes
Page   14 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description BIPOLAR ANALOG INTEGRATED CIRCUIT

UPC2250 Datasheet (HTML) - Renesas Technology Corp


UPC2250 Product details

FEATURES
• Low minimum voltage difference between input and output
VDIF = 0.15 V TYP. (at IO = 40 mA)
• Outputs reset signal (active-low) when the input voltage or
output voltage drops.
• Low reverse leakage current during back up
IOLK = 1 μA TYP.
• Low circuit operating current under no load
IBIAS = 1.3 mA TYP.




Similar Part No. - UPC2250

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2260 NEC-UPC2260 Datasheet
72Kb / 12P
LOW DROPOUT VOLTAGE REGULATOR WITH SYSTEM RESET PIN
logo
Renesas Technology Corp
UPC2260 RENESAS-UPC2260 Datasheet
240Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
logo
NEC
UPC2260V NEC-UPC2260V Datasheet
72Kb / 12P
LOW DROPOUT VOLTAGE REGULATOR WITH SYSTEM RESET PIN
logo
Renesas Technology Corp
UPC2260V RENESAS-UPC2260V Datasheet
240Kb / 14P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
More results


Similar Description - UPC2250

ManufacturerPart #DatasheetDescription
logo
NEC
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
NEC
UPC1227V NEC-UPC1227V Datasheet
599Kb / 6P
BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
Renesas Technology Corp
PC1470 RENESAS-PC1470_15 Datasheet
183Kb / 8P
BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC177GR-9LG RENESAS-UPC177GR-9LG Datasheet
314Kb / 12P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC317 RENESAS-UPC317 Datasheet
345Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
UPC339 RENESAS-UPC339 Datasheet
236Kb / 13P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1997
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com