Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM317L Datasheet (PDF) - HTC Korea TAEJIN Technology Co.

LM317L Datasheet PDF - HTC Korea TAEJIN Technology Co.
Part # LM317L
Download  LM317L Download
File Size   93.58 Kbytes
Page   3 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)

LM317L Datasheet (PDF)

Go To PDF Page Download Datasheet
LM317L Datasheet PDF - HTC Korea TAEJIN Technology Co.

Part # LM317L
Download  LM317L Click to download

File Size   93.58 Kbytes
Page   3 Pages
Manufacturer  HTC [HTC Korea TAEJIN Technology Co.]
Direct Link  http://www.htckorea.co.kr
Logo HTC - HTC Korea TAEJIN Technology Co.
Description ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)

LM317L Datasheet (HTML) - HTC Korea TAEJIN Technology Co.


LM317L Product details

ADJUSTABLE VOLTAGE REGULATOR (POSITIVE)

3-TERMINAL 100mA POSITIVE ADJUSTABLE REGULATOR



This monolithic integrated circuit is an adjustable 3-terminal positive voltage regulator designed to

supply more than 100mA of load current with an output voltage adjustable over a 1.2 to 37V. It employs internal current limiting, thermal shut-down and safe area compensation.



FEATURES

◇ Output current in Excess of 100mA

◇ Output Adjustable Between 1.2V and 37V

◇ Internal Thermal-Overload Protection

◇ Internal Short-Circuit Current-Limiting

◇ Output Transistor Safe-Area Compensation

◇ Floating operation for high voltage applications




Similar Part No. - LM317L

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317L NSC-LM317L Datasheet
442Kb / 17P
3-Terminal Adjustable Regulator
logo
ON Semiconductor
LM317L ONSEMI-LM317L Datasheet
184Kb / 12P
LOW CURRENT THREE-TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
1996 Rev 1
logo
STMicroelectronics
LM317L STMICROELECTRONICS-LM317L Datasheet
130Kb / 8P
LOW CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317L STMICROELECTRONICS-LM317L Datasheet
250Kb / 10P
LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
logo
Texas Instruments
LM317L TI-LM317L Datasheet
278Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
More results


Similar Description - LM317L

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM317T FAIRCHILD-LM317T Datasheet
67Kb / 6P
Adjustable Voltage Regulator (Positive)
logo
SeCoS Halbleitertechnol...
SELM317 SECOS-SELM317 Datasheet
650Kb / 4P
Positive Adjustable Voltage Regulator
logo
Austin Semiconductor
AS117R AUSTIN-AS117R Datasheet
254Kb / 11P
Positive Adjustable Voltage Regulator
logo
Seme LAB
IP117G SEME-LAB-IP117G Datasheet
805Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117R SEME-LAB-IP117R Datasheet
166Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD SEME-LAB-IP117SMD Datasheet
501Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD SEME-LAB-IP117SMD_10 Datasheet
496Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD05 SEME-LAB-IP117SMD05_10 Datasheet
412Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
TT Electronics.
IP117K TTELEC-IP117K Datasheet
301Kb / 7P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
IP117SMD TTELEC-IP117SMD Datasheet
496Kb / 5P
POSITIVE ADJUSTABLE VOLTAGE REGULATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com