Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1008164 Datasheet (PDF) - PHOENIX CONTACT

1008164 Datasheet PDF - PHOENIX CONTACT
Part # 1008164
Download  1008164 Download
File Size   284.96 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SH-Z0015 - Adapter sleeve

1008164 Datasheet (PDF)

Go To PDF Page Download Datasheet
1008164 Datasheet PDF - PHOENIX CONTACT

Part # 1008164
Download  1008164 Click to download

File Size   284.96 Kbytes
Page   6 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SH-Z0015 - Adapter sleeve

1008164 Datasheet (HTML) - PHOENIX CONTACT


1008164 Product details

Shielding sleeve for data element, series SH and SB, type of contact: pin and socket.
Note: The item may only be used in the corresponding PxC products, SH-8EPC5..., SH-8ESC5...
, SH-8EPD6..., SH-8ESD6..., SB-8EPC..., SB-8ESC...




Similar Part No. - 1008164

ManufacturerPart #DatasheetDescription
logo
3M Electronics
100816 3M-100816 Datasheet
69Kb / 2P
3MTM Static Shielding Bag SCC 1000
logo
PHOENIX CONTACT
1008160 PHOENIX-1008160 Datasheet
291Kb / 6P
SH-Z0011 - Spacer sleeve
1008161 PHOENIX-1008161 Datasheet
291Kb / 6P
SH-Z0012 - Contact insert
1008162 PHOENIX-1008162 Datasheet
284Kb / 6P
SH-Z0013 - Connector component
1008163 PHOENIX-1008163 Datasheet
292Kb / 6P
SH-Z0014 - Contact insert
More results


Similar Description - 1008164

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
2-106901-6 MACOM-2-106901-6 Datasheet
77Kb / 1P
FOAC SC ADAPTER CERAMIC ALIGNMENT SLEEVE
logo
Molex Electronics Ltd.
1061440100 MOLEX11-1061440100 Datasheet
46Kb / 1P
BLC Backplane Adapter Assembly, Black Body, Metal Alignment Sleeve
1061441100 MOLEX11-1061441100 Datasheet
46Kb / 1P
BLC Backplane Adapter Assembly, Black Body, Ceramic Alignment Sleeve
1061442100 MOLEX11-1061442100 Datasheet
46Kb / 1P
BLC Adapter Assembly 4 Position, Zirconia, Black Sleeve
1061451100 MOLEX11-1061451100 Datasheet
46Kb / 1P
BLC Backplane Adapter Assembly, Black Body, Ceramic Alignment Sleeve
1061462100 MOLEX11-1061462100 Datasheet
46Kb / 1P
BLC Adapter Assembly 8 Position, Zirconia, Black Sleeve
1061162400 MOLEX1-1061162400 Datasheet
50Kb / 1P
SC Metal Adapter with Phosphor Bronze Sleeve
logo
PHOENIX CONTACT
1613492 PHOENIX-1613492 Datasheet
46Kb / 2P
Crimping stamp - SL-Z0015
0913210 PHOENIX-0913210 Datasheet
47Kb / 2P
Adapter sleeve - HS 2 A
1008160 PHOENIX-1008160 Datasheet
291Kb / 6P
SH-Z0011 - Spacer sleeve
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com