Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1027465 Datasheet (PDF) - PHOENIX CONTACT

1027465 Datasheet PDF - PHOENIX CONTACT
Part # 1027465
Download  1027465 Download
File Size   555.78 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12MST-4CT-CM SH - Power connector

1027465 Datasheet (PDF)

Go To PDF Page Download Datasheet
1027465 Datasheet PDF - PHOENIX CONTACT

Part # 1027465
Download  1027465 Click to download

File Size   555.78 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-M12MST-4CT-CM SH - Power connector

1027465 Datasheet (HTML) - PHOENIX CONTACT


1027465 Product details

Power connector, Power, 4-position, shielded, Plug straight M12, T, Crimp connection, knurl
material: Zinc die-cast, tin-plated, external cable diameter 6.5 mm ... 11 mm, without crimp
contacts, Contact 4 leading

Your advantages
• Extremely compact, thanks to the small wiring space and high contact density
• Safely shielded: reliable shield connection even under extreme mechanical strain
• Robust connection: suitable for railway applications with high shock and vibration loads
• High-performance: DC connectors for up to 12 A and 63 V DC
• Protection against incorrect connection using special T-coding




Similar Part No. - 1027465

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1027466 PHOENIX-1027466 Datasheet
455Kb / 12P
SACC-M12FST-4CT-CM SH - Power connector
1027467 PHOENIX-1027467 Datasheet
560Kb / 12P
SACC-M12MSS-3PECT-CM SH - Power connector
1027469 PHOENIX-1027469 Datasheet
459Kb / 12P
SACC-M12FSS-3PECT-CM SH - Power connector
More results


Similar Description - 1027465

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1021830 PHOENIX-1021830 Datasheet
95Kb / 4P
Connector - SACC-P12MSD-4CT-CM SH PN
1021831 PHOENIX-1021831 Datasheet
98Kb / 4P
Connector - SACC-P12MRD-4CT-CM SH PN
1080218 PHOENIX-1080218 Datasheet
596Kb / 13P
SACC-M12FST-4PL-CM SH - Power connector
1422848 PHOENIX-1422848 Datasheet
535Kb / 17P
SACC-M12FSD-4CT-CM SH PN - Data connector
1080239 PHOENIX-1080239 Datasheet
596Kb / 13P
SACC-M12MSL-4PL-CM SH - Power connector
1027469 PHOENIX-1027469 Datasheet
459Kb / 12P
SACC-M12FSS-3PECT-CM SH - Power connector
1027479 PHOENIX-1027479 Datasheet
532Kb / 11P
SACC-M12MSL-4CT-CM SH - Power connector
1080222 PHOENIX-1080222 Datasheet
610Kb / 14P
SACC-M12FSS-3PEPL-CM SH - Power connector
1027466 PHOENIX-1027466 Datasheet
455Kb / 12P
SACC-M12FST-4CT-CM SH - Power connector
1027467 PHOENIX-1027467 Datasheet
560Kb / 12P
SACC-M12MSS-3PECT-CM SH - Power connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com