Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ALVT162827 Datasheet (PDF) - Nexperia B.V. All rights reserved

74ALVT162827 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ALVT162827
Download  74ALVT162827 Download
File Size   199.75 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state

74ALVT162827 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ALVT162827 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ALVT162827
Download  74ALVT162827 Click to download

File Size   199.75 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state

74ALVT162827 Datasheet (HTML) - Nexperia B.V. All rights reserved


74ALVT162827 Product details

1 General description
The 74ALVT162827 high-performance BiCMOS device combines low static and dynamic
power dissipation with high speed and high output drive. It is designed for VCC operation
at 2.5 V or 3.3 V with I/O compatibility to 5 V.
The 74ALVT162827 20-bit buffers provide high performance bus interface buffering
for wide data/address paths or buses carrying parity. They have NOR Output Enables
(nOE0 and nOE1) for maximum control flexibility.
The 74ALVT162827 is designed with 30 Ω series resistance in both HIGH and LOW
output stages. This design reduces the line noise in applications such as memory
address drivers, clock drivers and bus receivers/transmitters.
2 Features and benefits
• Multiple VCC and GND pins minimize switching noise
• 5 V I/O compatible
• Live insertion and extraction permitted
• 3-state output buffers
• Outputs include series resistance of 30 Ω making external termination resistors
unnecessary
• Power-up 3-state
• Output capability: +12 mA and -12 mA
• Latch-up protection:
– JESD 17 exceeds 500 mA
• ESD protection:
– MIL STD 883 Method 3015: exceeds 2000 V
– MM: exceeds 200 V
• Bus hold data inputs eliminate the need for external pull-up resistors to hold unused
inputs




Similar Part No. - 74ALVT162827

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVT162827 PHILIPS-74ALVT162827 Datasheet
83Kb / 10P
20-bit buffer/line driver, non-inverting, with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162827DGG PHILIPS-74ALVT162827DGG Datasheet
83Kb / 10P
20-bit buffer/line driver, non-inverting, with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162827DL PHILIPS-74ALVT162827DL Datasheet
83Kb / 10P
20-bit buffer/line driver, non-inverting, with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162827_2 PHILIPS-74ALVT162827_2_15 Datasheet
100Kb / 10P
20-bit buffer/line driver, non-inverting, with 30W termination resistors (3-State)
1998 Feb 13
More results


Similar Description - 74ALVT162827

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT162827A PHILIPS-74ABT162827A Datasheet
78Kb / 11P
20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Feb 27
74ABT16827A PHILIPS-74ABT16827A Datasheet
73Kb / 10P
20-bit buffer/line driver, non-inverting 3-State
1998 Feb 27
74ALVCH162827 PHILIPS-74ALVCH162827 Datasheet
72Kb / 10P
20-bit buffer/line driver, non-inverting,with 30ohm termination resistors (3-State)
1998 Sep 29
74ALVT162827 PHILIPS-74ALVT162827 Datasheet
83Kb / 10P
20-bit buffer/line driver, non-inverting, with 30ohm termination resistors 3-State
1998 Feb 13
74ALVT162827_2 PHILIPS-74ALVT162827_2_15 Datasheet
100Kb / 10P
20-bit buffer/line driver, non-inverting, with 30W termination resistors (3-State)
1998 Feb 13
logo
Nexperia B.V. All right...
74LVT162240A NEXPERIA-74LVT162240A Datasheet
191Kb / 14P
3.3 V 16-bit inverting buffer/driver with 30 Ω termination resistors; 3-state
Rev. 4 - 4 June 2018
74ALVT16827 NEXPERIA-74ALVT16827 Datasheet
201Kb / 14P
20-bit buffer/line driver; non-inverting; 3-state
Rev. 4 - 24 January 2018
74ABT162244 NEXPERIA-74ABT162244 Datasheet
212Kb / 11P
16-bit buffer/line driver with 30 Ω series termination resistors; 3-state
Rev. 7 - 2 July 2021
74ALVCH162827 NEXPERIA-74ALVCH162827 Datasheet
191Kb / 14P
20-bit buffer/line driver; non-inverting; with 30 Ω termination resistors; 3-state
Rev. 2 - 19 January 2018
74ALVCH16827 NEXPERIA-74ALVCH16827 Datasheet
189Kb / 13P
20-bit buffer/line driver, non-inverting; 3-state
Rev. 3 - 6 April 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com