Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AVC16245 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AVC16245 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AVC16245
Download  74AVC16245 Download
File Size   740.84 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit transceiver with direction pin; 3.6 V tolerant; 3-state

74AVC16245 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AVC16245 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AVC16245
Download  74AVC16245 Click to download

File Size   740.84 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit transceiver with direction pin; 3.6 V tolerant; 3-state

74AVC16245 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AVC16245 Product details

1. General description
The 74AVC16245 is a 16-bit transceiver featuring non-inverting 3-state bus compatible
outputs in both send and receive directions. The device features two output enable inputs
(nOE) for easy cascading and two send/receive inputs (nDIR) for direction control.
Inputs nOE control the outputs so that the buses are effectively isolated. This device can
be used as two 8-bit transceivers or one 16-bit transceiver.
The 74AVC16245 is designed to have an extremely fast propagation delay and a
minimum amount of power consumption.
To ensure the high-impedance output state during power-up or power-down, tie pins nOE
to VCC through a pull-up resistor (Live Insertion).
A Dynamic Controlled Output (DCO) circuitry is implemented to support termination line
drive during transient (see Figure 4 and Figure 5)
2. Features and benefits
 Wide supply voltage range from 1.2 V to 3.6 V
 Complies with JEDEC standards:
 JESD8-7 (1.2 V to 1.95 V)
 JESD8-5 (1.8 V to 2.7 V)
 JESD8-1A (2.7 V to 3.6 V)
 CMOS low power consumption
 Input/output tolerant up to 3.6 V
 Dynamic Controlled Output (DCO) circuit dynamically changes output impedance,
resulting in noise reduction without speed degradation
 Low inductance multiple VCC and GND pins to minimize noise and ground bounce
 Supports Live Insertion




Similar Part No. - 74AVC16245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC16245 PHILIPS-74AVC16245 Datasheet
87Kb / 16P
16-bit transceiver with direction pin; 3-state 3.6 V tolerant
1999 Nov 15
logo
Nexperia B.V. All right...
74AVC16245-Q100 NEXPERIA-74AVC16245-Q100 Datasheet
760Kb / 15P
16-bit transceiver with direction pin; 3.6 V tolerant 3-state
logo
NXP Semiconductors
74AVC16245DGG PHILIPS-74AVC16245DGG Datasheet
87Kb / 16P
16-bit transceiver with direction pin; 3-state 3.6 V tolerant
1999 Nov 15
74AVC16245DGG PHILIPS-74AVC16245DGG Datasheet
88Kb / 16P
16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
2000 Mar 07
logo
Nexperia B.V. All right...
74AVC16245DGG-Q100 NEXPERIA-74AVC16245DGG-Q100 Datasheet
760Kb / 15P
16-bit transceiver with direction pin; 3.6 V tolerant 3-state
More results


Similar Description - 74AVC16245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC16245 PHILIPS-74AVC16245 Datasheet
87Kb / 16P
16-bit transceiver with direction pin; 3-state 3.6 V tolerant
1999 Nov 15
74AVCH16245 PHILIPS-74AVCH16245 Datasheet
88Kb / 16P
16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
2000 Mar 07
logo
Integrated Circuit Syst...
74LVC_LVCH16245A ICST-74LVC_LVCH16245A Datasheet
107Kb / 19P
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
logo
NXP Semiconductors
74AVC16245 PHILIPS-74AVC16245_15 Datasheet
134Kb / 15P
16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3-31 January 2013
74AVCH16245 PHILIPS-74AVCH16245_15 Datasheet
137Kb / 16P
16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3-8 January 2013
74LVC_LVCH16245A PHILIPS-74LVC_LVCH16245A_15 Datasheet
283Kb / 20P
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 12-13 February 2012
logo
Nexperia B.V. All right...
74LVC16245A-Q100 NEXPERIA-74LVC16245A-Q100 Datasheet
248Kb / 14P
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
74AVC16245-Q100 NEXPERIA-74AVC16245-Q100 Datasheet
760Kb / 15P
16-bit transceiver with direction pin; 3.6 V tolerant 3-state
74LVCH16245A NEXPERIA-74LVCH16245A Datasheet
260Kb / 15P
16-bit bus transceiver with direction pin; 5 V tolerant; 3-state
Rev. 14 - 24 September 2021
74AVCH16245 NEXPERIA-74AVCH16245 Datasheet
745Kb / 16P
16-bit transceiver with direction pin; 3.6 V tolerant; 3-state
Rev. 3 - 8 January 2013
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com