Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AUP3G04GS Datasheet (PDF) - Nexperia B.V. All rights reserved

74AUP3G04GS Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AUP3G04GS
Download  74AUP3G04GS Download
File Size   255.99 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power triple inverter

74AUP3G04GS Datasheet (PDF)

Go To PDF Page Download Datasheet
74AUP3G04GS Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AUP3G04GS
Download  74AUP3G04GS Click to download

File Size   255.99 Kbytes
Page   17 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Low-power triple inverter

74AUP3G04GS Datasheet (HTML) - Nexperia B.V. All rights reserved


74AUP3G04GS Product details

1. General description
The 74AUP3G04 provides a low-power, low-voltage triple inverting buffer.
Schmitt trigger action at all inputs makes the circuit tolerant of slower input rise and fall times
across the entire VCC range from 0.8 V to 3.6 V.
This device ensures a very low static and dynamic power consumption across the entire VCC range
from 0.8 V to 3.6 V.
This device is fully specified for partial Power-down applications using IOFF. The IOFF circuitry
disables the output, preventing a damaging backflow current through the device when it is powered
down.
2. Features and benefits
• Wide supply voltage range from 0.8 V to 3.6 V
• High noise immunity
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-B (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3A exceeds 5000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101E exceeds 1000 V
• Low static power consumption; ICC = 0.9 μA (maximum)
• Latch-up performance exceeds 100 mA per JESD 78B Class II
• Inputs accept voltages up to 3.6 V
• Low noise overshoot and undershoot < 10 % of VCC
• IOFF circuitry provides partial Power-down mode operation
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AUP3G04GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP3G04GD NXP-74AUP3G04GD Datasheet
534Kb / 17P
Low-power triple inverter
Rev. 03-8 October 2009
74AUP3G04GM NXP-74AUP3G04GM Datasheet
534Kb / 17P
Low-power triple inverter
Rev. 03-8 October 2009
74AUP3G04GT NXP-74AUP3G04GT Datasheet
534Kb / 17P
Low-power triple inverter
Rev. 03-8 October 2009
More results


Similar Description - 74AUP3G04GS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC3G04 PHILIPS-74LVC3G04 Datasheet
74Kb / 13P
Triple inverter
Rev. 01-4 May 2004
logo
Texas Instruments
SN74AUP3G04 TI-SN74AUP3G04 Datasheet
283Kb / 12P
LOW-POWER TRIPLE INVERTER GATE
logo
NXP Semiconductors
74AUP3G04 NXP-74AUP3G04 Datasheet
534Kb / 17P
Low-power triple inverter
Rev. 03-8 October 2009
logo
Texas Instruments
SN74AUP3G04 TI-SN74AUP3G04_1 Datasheet
810Kb / 18P
LOW-POWER TRIPLE INVERTER GATE
logo
Toshiba Semiconductor
TC7WG04FK TOSHIBA-TC7WG04FK_09 Datasheet
184Kb / 7P
Triple Inverter
logo
Texas Instruments
SN74AUP3G14 TI1-SN74AUP3G14 Datasheet
778Kb / 22P
LOW-POWER TRIPLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74AUP3G04 PHILIPS-74AUP3G04_15 Datasheet
281Kb / 22P
Low-power triple inverter
Rev. 7-29 January 2013
logo
Nexperia B.V. All right...
74LVC3G04-Q100 NEXPERIA-74LVC3G04-Q100 Datasheet
205Kb / 11P
Triple inverter
74AUP3G14 NEXPERIA-74AUP3G14 Datasheet
835Kb / 21P
Low-power triple Schmitt trigger inverter
74HCT3G04 NEXPERIA-74HCT3G04 Datasheet
212Kb / 12P
Triple inverter
Rev. 5 - 26 November 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com