Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AVC16374 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AVC16374 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AVC16374
Download  74AVC16374 Download
File Size   1356.73 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state

74AVC16374 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AVC16374 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AVC16374
Download  74AVC16374 Click to download

File Size   1356.73 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state

74AVC16374 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AVC16374 Product details

1. General description
The 74AVC16374 is a 16-bit edge triggered flip-flop featuring separate D-type inputs for
each flip-flop and 3-state outputs for bus-oriented applications. The 74AVC16374 consist
of 2 sections of 8 edge-triggered flip-flops. A clock input (CP) and an output enable (OE)
are provided per 8-bit section.
The 74AVC16374 is designed to have an extremely fast propagation delay and a
minimum amount of power consumption.
To ensure the high-impedance output state during power-up or power-down, nOE should
be tied to VCC through a pull-up resistor (Live Insertion).
A Dynamic Controlled Output (DCO) circuitry is implemented to support termination line
drive during transient (see Figure 5 and Figure 6).
2. Features and benefits
 Wide supply voltage range from 1.2 V to 3.6 V
 Complies with JEDEC standards:
 JESD8-7 (1.2 V to 1.95 V)
 JESD8-5 (1.8 V to 2.7 V)
 JESD8-1A (2.7 V to 3.6 V)
 CMOS low power consumption
 Input/output tolerant up to 3.6 V
 Dynamic Controlled Output (DCO) circuit dynamically changes output impedance,
resulting in noise reduction without speed degradation
 Low inductance multiple VCC and GND pins to minimize noise and ground bounce
 Supports Live Insertion




Similar Part No. - 74AVC16374

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC16374 PHILIPS-74AVC16374 Datasheet
84Kb / 16P
16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
2000 Mar 09
logo
Nexperia B.V. All right...
74AVC16374-Q100 NEXPERIA-74AVC16374-Q100 Datasheet
772Kb / 16P
16-bit edge triggered D-type flip-flop 3.6 V tolerant; 3-state
logo
NXP Semiconductors
74AVC16374DGG PHILIPS-74AVC16374DGG Datasheet
84Kb / 16P
16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
2000 Mar 09
logo
Nexperia B.V. All right...
74AVC16374DGG-Q100 NEXPERIA-74AVC16374DGG-Q100 Datasheet
772Kb / 16P
16-bit edge triggered D-type flip-flop 3.6 V tolerant; 3-state
logo
Texas Instruments
74AVC16374DGGRE4 TI-74AVC16374DGGRE4 Datasheet
369Kb / 18P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Similar Description - 74AVC16374

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC16374 PHILIPS-74AVC16374 Datasheet
84Kb / 16P
16-bit edge triggered D-type flip-flop; 3.6 V tolerant; 3-state
2000 Mar 09
logo
Texas Instruments
SN74LVC16374 TI-SN74LVC16374 Datasheet
97Kb / 6P
16-BIT EDGE-TRIGGERED D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ALVCH16374 NXP-74ALVCH16374 Datasheet
158Kb / 17P
2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 03-27 April 2010
74LVC16374A NXP-74LVC16374A Datasheet
175Kb / 19P
16-bit edge-triggered D-type flip-flop with 5 V tolerant inputs/outputs; 3-state
Rev. 07-23 March 2010
74LVT16374A NXP-74LVT16374A Datasheet
187Kb / 19P
3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 07-22 March 2010
logo
Nexperia B.V. All right...
74LVC16374A-Q100 NEXPERIA-74LVC16374A-Q100 Datasheet
230Kb / 14P
16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
74AVC16374-Q100 NEXPERIA-74AVC16374-Q100 Datasheet
772Kb / 16P
16-bit edge triggered D-type flip-flop 3.6 V tolerant; 3-state
74ALVCH16374 NEXPERIA-74ALVCH16374 Datasheet
232Kb / 13P
2.5 V/3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 7 - 23 November 2021
74LVT-LVTH16374A NEXPERIA-74LVT-LVTH16374A Datasheet
233Kb / 13P
3.3 V 16-bit edge-triggered D-type flip-flop; 3-state
Rev. 12 - 6 August 2021
74LVC16374A NEXPERIA-74LVC16374A Datasheet
242Kb / 13P
16-bit edge-triggered D-type flip-flop; 5 V tolerant; 3-state
Rev. 13 - 27 September 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com