Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AVC16T245 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AVC16T245 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AVC16T245
Download  74AVC16T245 Download
File Size   311.6 Kbytes
Page   22 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit dual supply translating transceiver with configurable voltage translation; 3-state

74AVC16T245 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AVC16T245 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AVC16T245
Download  74AVC16T245 Click to download

File Size   311.6 Kbytes
Page   22 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit dual supply translating transceiver with configurable voltage translation; 3-state

74AVC16T245 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AVC16T245 Product details

1. General description
The 74AVC16T245 is a 16-bit transceiver with bidirectional level voltage translation and 3-state
outputs. The device can be used as two 8-bit transceivers or as a 16-bit transceiver. It has dual
supplies (VCC(A) and VCC(B)) for voltage translation and four 8-bit input-output ports (nAn and
nBn) each with its own output enable (nOE) and send/receive (nDIR) input for direction control.
VCC(A) and VCC(B) can be independently supplied at any voltage between 0.8 V and 3.6 V making
the device suitable for low voltage translation between any of the following voltages: 0.8 V, 1.2 V,
1.5 V, 1.8 V, 2.5 V and 3.3 V. A HIGH on nDIR selects transmission from nAn to nBn while a LOW
on nDIR selects transmission from nBn to nAn. A HIGH on nOE causes the outputs to assume a
high-impedance OFF-state
The device is fully specified for partial power-down applications using IOFF. The IOFF circuitry
disables the output, preventing any damaging backflow current through the device when it is
powered down. In suspend mode when either VCC(A) or VCC(B) are at GND level, both nAn and nBn
are in the high-impedance OFF-state.
2. Features and benefits
• Wide supply voltage range:
• VCC(A): 0.8 V to 3.6 V
• VCC(B): 0.8 V to 3.6 V
• Complies with JEDEC standards:
• JESD8-12 (0.8 V to 1.3 V)
• JESD8-11 (0.9 V to 1.65 V)
• JESD8-7 (1.2 V to 1.95 V)
• JESD8-5 (1.8 V to 2.7 V)
• JESD8-B (2.7 V to 3.6 V)
• ESD protection:
• HBM JESD22-A114F Class 3B exceeds 8000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101D exceeds 1000 V
• Maximum data rates:
• 380 Mbit/s (≥ 1.8 V to 3.3 V translation)
• 200 Mbit/s (≥ 1.1 V to 3.3 V translation)
• 200 Mbit/s (≥ 1.1 V to 2.5 V translation)
• 200 Mbit/s (≥ 1.1 V to 1.8 V translation)
• 150 Mbit/s (≥ 1.1 V to 1.5 V translation)
• 100 Mbit/s (≥ 1.1 V to 1.2 V translation)
• Suspend mode
• Latch-up performance exceeds 100 mA per JESD 78 Class II
• Inputs accept voltages up to 3.6 V
• IOFF circuitry provides partial Power-down mode operation
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AVC16T245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVC16T245 NXP-74AVC16T245 Datasheet
303Kb / 28P
16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 3-9 June 2011
logo
Nexperia B.V. All right...
74AVC16T245-Q100 NEXPERIA-74AVC16T245-Q100 Datasheet
296Kb / 20P
16-bit dual supply translating transceiver with configurable voltage translation 3-state
logo
NXP Semiconductors
74AVC16T245BX NXP-74AVC16T245BX Datasheet
303Kb / 28P
16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 3-9 June 2011
74AVC16T245DGG NXP-74AVC16T245DGG Datasheet
303Kb / 28P
16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 3-9 June 2011
logo
Texas Instruments
74AVC16T245DGGRE4 TI-74AVC16T245DGGRE4 Datasheet
467Kb / 21P
16-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Similar Description - 74AVC16T245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AVCH4T245 NXP-74AVCH4T245 Datasheet
149Kb / 26P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 01-6 August 2009
74AVC8T245 NXP-74AVC8T245 Datasheet
133Kb / 23P
8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 02-28 April 2009
74AVC16T245 NXP-74AVC16T245 Datasheet
303Kb / 28P
16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 3-9 June 2011
74AVC16T245 PHILIPS-74AVC16T245_15 Datasheet
345Kb / 28P
16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 6-9 September 2013
74AVCH8T245 PHILIPS-74AVCH8T245_15 Datasheet
168Kb / 25P
8-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5-27 December 2012
74AVCH16T245 PHILIPS-74AVCH16T245_15 Datasheet
379Kb / 29P
16-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 5-1 March 2012
74AVC4T245 PHILIPS-74AVC4T245_15 Datasheet
184Kb / 27P
4-bit dual supply translating transceiver with configurable voltage translation; 3-state
Rev. 4-7 December 2011
logo
Nexperia B.V. All right...
74AVC16T245-Q100 NEXPERIA-74AVC16T245-Q100 Datasheet
296Kb / 20P
16-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVC32T245 NEXPERIA-74AVC32T245 Datasheet
793Kb / 24P
32-bit dual supply translating transceiver with configurable voltage translation 3-state
74AVCH16T245 NEXPERIA-74AVCH16T245 Datasheet
301Kb / 21P
16-bit dual supply translating transceiver with configurable voltage translation 3-state
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com