Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AXP4T245 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AXP4T245 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AXP4T245
Download  74AXP4T245 Download
File Size   326.98 Kbytes
Page   27 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 4-bit dual supply translating transceiver; 3-state

74AXP4T245 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AXP4T245 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AXP4T245
Download  74AXP4T245 Click to download

File Size   326.98 Kbytes
Page   27 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 4-bit dual supply translating transceiver; 3-state

74AXP4T245 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AXP4T245 Product details

1. General description
The 74AXP4T245 is an 4-bit dual supply translating transceiver with 3-state outputs that enable
bidirectional level translation. The device can be used as two 2-bit transceivers or as a 4-bit
transceiver. It features four 2-bit input-output ports (nAn and nBn), a direction control input (nDIR),
a output enable input (nOE) and dual supply pins (VCC(A) and VCC(B)). Both VCC(A) and VCC(B) can
be supplied at any voltage between 0.9 V and 5.5 V making the device suitable for translating
between any of the low voltage nodes (0.9 V, 1.2 V, 1.5 V, 1.8 V, 2.5 V, 3.3 V and 5.0 V). No power
supply sequencing is required and output glitches during power supply transitions are prevented
using patented circuitry. As a result glitches will not appear on the outputs for supply transitions
during power-up/down between 20 mV/μs and 5.5 V/s.
Pins nAn, nOE and nDIR are referenced to VCC(A) and pins nBn are referenced to VCC(B). A HIGH
on nDIR allows transmission from nAn to nBn and a LOW on nDIR allows transmission from nBn to
nAn. The output enable input (nOE) can be used to disable the outputs so the buses are effectively
isolated.
The device is fully specified for partial power-down applications using IOFF. The IOFF circuitry
disables the output, preventing any damaging backflow current through the device when it is
powered down. In suspend mode when either VCC(A) or VCC(B) are at GND level, both nAn and nBn
are in the high-impedance OFF-state.
2. Features and benefits
• Wide supply voltage range:
• VCC(A): 0.9 V to 5.5 V
• VCC(B): 0.9 V to 5.5 V
• Low input capacitance; CI = 1.2 pF (typical)
• Low output capacitance; CO = 3.6 pF (typical)
• Low dynamic power consumption; CPD = 10 pF (typical)
• Low static power consumption; ICC = 2 μA (25 °C maximum)
• High noise immunity
• Complies with JEDEC standard:
• JESD8-12 (1.1 V to 1.3 V; inputs)
• JESD8-11 (1.4 V to 1.6 V)
• JESD8-7 (1.65 V to 1.95 V)
• JESD8-5 (2.3 V to 2.7 V)
• JESD8C (2.7 V to 3.6 V)
• JESD12-6 (4.5 V to 5.5 V)
• ESD protection:
• HBM: ANSI/ESDA/JEDEC JS-001 class 2 exceeds 2 kV
• CDM: ANSI/ESDA/JEDEC JS-002 class C3 exceeds 1 kV
• Latch-up performance exceeds 100 mA per JESD78D Class II
• Inputs accept voltages up to 5.5 V
• Low noise overshoot and undershoot < 10% of VCCO
• IOFF circuitry provides partial power-down mode operation
• Specified from -40 °C to +125 °C




Similar Part No. - 74AXP4T245

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AXP4T245 NEXPERIA-74AXP4T245 Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
74AXP4T245 NEXPERIA-74AXP4T245 Datasheet
11Mb / 234P
Discrete and MOSFET components, analog & logic ICs
January 2020
More results


Similar Description - 74AXP4T245

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALVC164245 PHILIPS-74ALVC164245_15 Datasheet
282Kb / 20P
16-bit dual supply translating transceiver; 3-state
Rev. 8-15 March 2012
logo
Nexperia B.V. All right...
74ALVC164245-Q100 NEXPERIA-74ALVC164245-Q100 Datasheet
230Kb / 14P
16-bit dual supply translating transceiver 3-state
74LVC8T245-Q100 NEXPERIA-74LVC8T245-Q100 Datasheet
808Kb / 28P
8-bit dual supply translating transceiver; 3-state
74AVC4T774 NEXPERIA-74AVC4T774 Datasheet
281Kb / 26P
4-bit dual supply translating transceiver 3-state
74AVC4T774PW NEXPERIA-74AVC4T774PW Datasheet
263Kb / 24P
4-bit dual supply translating transceiver 3-state
74LVC8T245 NEXPERIA-74LVC8T245 Datasheet
831Kb / 28P
8-bit dual supply translating transceiver; 3-state
74AVC4T774-Q100 NEXPERIA-74AVC4T774-Q100 Datasheet
318Kb / 23P
4-bit dual supply translating transceiver; 3-state
Rev. 2 - 2 January 2023
74AVC4T774PW-Q100 NEXPERIA-74AVC4T774PW-Q100 Datasheet
294Kb / 20P
4-bit dual supply translating transceiver; 3-state
Rev. 1 - 20 October 2021
74AXP1T45 NEXPERIA-74AXP1T45 Datasheet
319Kb / 26P
1-bit dual supply translating transceiver; 3-state
Rev. 2 - 3 February 2022
74AXP2T45 NEXPERIA-74AXP2T45 Datasheet
325Kb / 26P
2-bit dual supply translating transceiver; 3-state
Rev. 2 - 23 June 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com