Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T69-25 Datasheet (PDF) - T-Global Technology

T69-25 Datasheet PDF - T-Global Technology
Part # T69-25
Download  T69-25 Download
File Size   817.87 Kbytes
Page   2 Pages
Manufacturer  TGLOBAL [T-Global Technology]
Direct Link  https://www.tglobaltechnology.com/
Logo TGLOBAL - T-Global Technology
Description T69-25 Graphite Sheets

T69-25 Datasheet (PDF)

Go To PDF Page Download Datasheet
T69-25 Datasheet PDF - T-Global Technology

Part # T69-25
Download  T69-25 Click to download

File Size   817.87 Kbytes
Page   2 Pages
Manufacturer  TGLOBAL [T-Global Technology]
Direct Link  https://www.tglobaltechnology.com/
Logo TGLOBAL - T-Global Technology
Description T69-25 Graphite Sheets

T69-25 Datasheet (HTML) - T-Global Technology


T69-25 Product details

Features
Highly oriented pyrolytic graphite sheet with high thermal conductivity
It is flexible and has features of ultra-thin and high EMI shielding effect
Excellent thermal conductivity: 1600 W/mK (4x as high as copper, 7x as high as
aluminium)
Light weight: Specific gravity: 2.3
Flexible and easy to be cut or trimmed
Low thermal resistance
Low moisture content: < 1%

Applications
Electronic components: IC, CPU, MOS
LED, M/B, P/S, Heat Sink
LCD, TV, Notebook PC, PC Telecom Device, Wireless, etc.
DDR II Module, DVD Applications, Hand-set applications, etc.




Similar Part No. - T69-25

ManufacturerPart #DatasheetDescription
logo
T-Global Technology
T69-100 TGLOBAL-T69-100 Datasheet
817Kb / 2P
T69-100 Graphite Sheets
T69-17 TGLOBAL-T69-17 Datasheet
815Kb / 2P
T69-17 Graphite Sheets
T69-40 TGLOBAL-T69-40 Datasheet
817Kb / 2P
T69-40 Graphite Sheets
T69-50 TGLOBAL-T69-50 Datasheet
817Kb / 2P
T69-50 Graphite Sheets
T69-70 TGLOBAL-T69-70 Datasheet
817Kb / 2P
T69-70 Graphite Sheets
More results


Similar Description - T69-25

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EYGS182310XX PANASONIC-EYGS182310XX Datasheet
135Kb / 4P
?쏱GS??Graphite Sheets
logo
TDK Electronics
IFL10M TDK-IFL10M Datasheet
143Kb / 8P
Noise Suppression Sheets
logo
Panasonic Semiconductor
EYGS091210 PANASONIC-EYGS091210 Datasheet
676Kb / 6P
PGS” Graphite Sheets EYG type
01-Apr-21
logo
T-Global Technology
T62 TGLOBAL-T62 Datasheet
334Kb / 1P
T62 Natural Graphite Sheet
T68 TGLOBAL-T68 Datasheet
336Kb / 1P
T68 Artificial Graphite Sheet
T69-100 TGLOBAL-T69-100 Datasheet
817Kb / 2P
T69-100 Graphite Sheets
T69-17 TGLOBAL-T69-17 Datasheet
815Kb / 2P
T69-17 Graphite Sheets
T69-40 TGLOBAL-T69-40 Datasheet
817Kb / 2P
T69-40 Graphite Sheets
T69-50 TGLOBAL-T69-50 Datasheet
817Kb / 2P
T69-50 Graphite Sheets
T69-70 TGLOBAL-T69-70 Datasheet
817Kb / 2P
T69-70 Graphite Sheets
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com