Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP30 Datasheet (PDF) - Vishay Siliconix

MP30 Datasheet PDF - Vishay Siliconix
Part # MP30
Download  MP30 Download
File Size   83.35 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Rheostats 150 Watt

MP30 Datasheet (PDF)

Go To PDF Page Download Datasheet
MP30 Datasheet PDF - Vishay Siliconix

Part # MP30
Download  MP30 Click to download

File Size   83.35 Kbytes
Page   2 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power Rheostats 150 Watt

MP30 Datasheet (HTML) - Vishay Siliconix


MP30 Product details

Power Rheostats 150 Watt



FEATURES

• Diameter 4" [101.60mm]

• Depth behind panel 1 3/4" [44.45mm]

• Shaft 1/4" [6.35mm] diameter

• Rotation 300° ±5°and weight 1.014 pounds (460 grams)

• Total ohms available in higher ranges up to 25,000 ohms

• Mounts on panels up to 1/4" [6.35mm] by means of a 3/8" [9.52mm], 32 bushing and hex nut

• Non-turn lugs require 3/16" [4.76mm] hole, 1/2" [12.70mm] below center of shaft - Model"A" shaft

• U. L. Approved



 




Similar Part No. - MP30

ManufacturerPart #DatasheetDescription
logo
GREATECS
MP30 GREATECS-MP30 Datasheet
99Kb / 2P
8.6x4.8x3.0mm Superminiature Micro Switch
logo
FIBOX Enclosing innovat...
MP30/25 FIBOX-MP30/25 Datasheet
49Kb / 2P
Mounting plate, for enclosures:
19.01.2023
logo
PANDUIT CORP.
MP300 PANDUIT-MP300 Datasheet
2Mb / 12P
PXE™ SERIES Mobile Printer
4/2023
MP300 PANDUIT-MP300 Datasheet
1Mb / 17P
Identification Solutions for Harsh Environments
05/2022
MP300 PANDUIT-MP300 Datasheet
3Mb / 1P
PXE™ MP300 Mobile Label Printer, 1.5” wide
More results


Similar Description - MP30

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MP25 VISHAY-MP25 Datasheet
59Kb / 1P
Power Rheostats
25-Aug-00
MP06 VISHAY-MP06 Datasheet
67Kb / 2P
Power Rheostats
25-Aug-00
MP10A1500 VISHAY-MP10A1500 Datasheet
81Kb / 2P
Power Rheostats
25-Aug-00
logo
Tumbler Technologies + ...
3F-12-150 TRUMPOWER-3F-12-150 Datasheet
213Kb / 2P
150 WATT POWER ADAPTERS
PU150 TRUMPOWER-PU150 Datasheet
158Kb / 3P
150 WATT SWITCHING POWER SUPPLIES
TMP150 TRUMPOWER-TMP150 Datasheet
172Kb / 2P
150 WATT MEDICAL POWER ADAPTERS
logo
Ohmite Mfg. Co.
RCLR50E OHMITE-RCLR50E Datasheet
231Kb / 2P
Rheostats
logo
RSG Electronic Componen...
PU150 RSG-PU150 Datasheet
145Kb / 3P
150 WATT SWITCHING POWER SUPPLIES
logo
Tumbler Technologies + ...
3F TRUMPOWER-3F Datasheet
213Kb / 2P
150 WATT POWER ADAPTERS
logo
TRACO Electronic AG
TFI150 TRACOPOWER-TFI150 Datasheet
336Kb / 4P
TFI 150 Series, 150 Watt
Rev. July 7, 2021
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com