Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAM02SD2305 Datasheet (PDF) - Protek Devices

PAM02SD2305 Datasheet PDF - Protek Devices
Part # PAM02SD2305
Download  PAM02SD2305 Download
File Size   570.51 Kbytes
Page   7 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description ultra LOW CAPACITANCE TVS ARRAYs

PAM02SD2305 Datasheet (PDF)

Go To PDF Page Download Datasheet
PAM02SD2305 Datasheet PDF - Protek Devices

Part # PAM02SD2305
Download  PAM02SD2305 Click to download

File Size   570.51 Kbytes
Page   7 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description ultra LOW CAPACITANCE TVS ARRAYs

PAM02SD2305 Datasheet (HTML) - Protek Devices


PAM02SD2305 Product details

Description
The PAM02SD23xx/C Series are ultra low capacitance transient voltage suppressor arrays, designed to protect automotive
applications. These devices are available in either a unidirectional or bidirectional configuration and are rated
at 350 Watts for an 8/20μs waveshape.
The PAM02SD23xx/C Series meets IEC 61000-4-2 (ESD) and IEC 61000-4-4 (EFT) requirements. At higher operating
frequencies or faster edge rates, insertion loss and signal integrity are a major concern. These devices are ultra low
capacitance and low leakage current in a miniature SOD-323 package.

Features
• AEC-Q101 Qualified
• Compatible with IEC 61000-4-2 (ESD): Air ±15kV, Contact ±8kV
Exceeds Level 4: Handles 10kV Contact & 25kV Air Discharge
• Compatible with IEC 61000-4-4 (EFT): 40A - 5/50ns
• Compatible with IEC 61000-4-5 (Surge)
• 350 Watts Peak Pulse Power per Line (tp = 8/20μs)
• Replacement for MLV (0805)
• Unidirectional and Bidirectional Configurations
• Protects One Power or I/O Port
• Available in Multiple Voltages
• ESD Protection > 25kV
• Low Clamping Voltage
• Ultra Low Capacitance: 3pF (Typical)
• RoHS Compliant
• REACH Compliant

applications
• Automotive Applications




Similar Part No. - PAM02SD2305

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PAM02SD2303C PROTEC-PAM02SD2303C Datasheet
439Kb / 6P
ULTRA LOW CAPACITANCE TVS ARRAY
PAM02SD2308C PROTEC-PAM02SD2308C Datasheet
515Kb / 6P
ultra LOW CAPACITANCE TVS ARRAY
More results


Similar Description - PAM02SD2305

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0522P SEMTECH-RCLAMP0522P Datasheet
621Kb / 13P
Ultra Low Capacitance TVS Arrays
RCLAMP0522PA SEMTECH-RCLAMP0522PA Datasheet
377Kb / 13P
Ultra Low Capacitance TVS Arrays
logo
WILLAS ELECTRONIC CORP
SEDFN05V4 WILLAS-SEDFN05V4 Datasheet
375Kb / 4P
Ultra Low Capacitance TVS Arrays
logo
Semtech Corporation
RCLAMP0544T SEMTECH-RCLAMP0544T Datasheet
765Kb / 10P
RailClamp짰 Ultra Low Capacitance TVS Arrays
logo
WILLAS ELECTRONIC CORP
SEDFN05V4 WILLAS-SEDFN05V4_13 Datasheet
437Kb / 5P
Ultra Low Capacitance TVS Arrays
logo
Bruckewell Technology L...
ESDF5V4 BWTECH-ESDF5V4 Datasheet
1Mb / 4P
Ultra Low Capacitance TVS Arrays
logo
StarHope
TUSD05K7U SPSEMI-TUSD05K7U Datasheet
562Kb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAYS
logo
Shanghai Leiditech Elec...
ULC0568M LEIDITECH-ULC0568M Datasheet
256Kb / 3P
ULTRA LOW CAPACITANCE TVS DIODE ARRAYS
logo
Semtech Corporation
RCLAMP0522T SEMTECH-RCLAMP0522T Datasheet
348Kb / 13P
Ultra Low Capacitance TVS Arrays
logo
Shanghai Leiditech Elec...
ULC0544T LEIDITECH-ULC0544T Datasheet
2Mb / 10P
Ultra Low Capacitance TVS Arrays
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com