Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT04 Datasheet (PDF) - Nexperia B.V. All rights reserved

74ABT04 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ABT04
Download  74ABT04 Download
File Size   206.66 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Hex inverter

74ABT04 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT04 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ABT04
Download  74ABT04 Click to download

File Size   206.66 Kbytes
Page   10 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Hex inverter

74ABT04 Datasheet (HTML) - Nexperia B.V. All rights reserved


74ABT04 Product details

1. General description
The 74ABT04 is a hex inverter. This device is fully specified for partial power down applications
using IOFF. The IOFF circuitry disables the output, preventing the potentially damaging backflow
current through the device when it is powered down.
2. Features and benefits
• Supply voltage range from 4.5 V to 5.5 V
• BiCMOS high speed and output drive
• Direct interface with TTL levels
• IOFF circuitry provides partial Power-down mode operation
• Latch-up protection exceeds 500 mA per JESD78B class II level A
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C




Similar Part No. - 74ABT04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT04 PHILIPS-74ABT04 Datasheet
94Kb / 10P
Hex inverter
1995 Sep 18
74ABT04D PHILIPS-74ABT04D Datasheet
94Kb / 10P
Hex inverter
1995 Sep 18
74ABT04DB PHILIPS-74ABT04DB Datasheet
94Kb / 10P
Hex inverter
1995 Sep 18
74ABT04N PHILIPS-74ABT04N Datasheet
94Kb / 10P
Hex inverter
1995 Sep 18
74ABT04PW PHILIPS-74ABT04PW Datasheet
94Kb / 10P
Hex inverter
1995 Sep 18
More results


Similar Description - 74ABT04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
Hex inverter
1991 Feb 08
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
Hex inverter
2003 Jul 23
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
Hex inverter
1997 Jun 30
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
HEX INVERTER
Jun-1989
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
Hex Inverter
74F04 FAIRCHILD-74F04 Datasheet
48Kb / 4P
Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
Hex Inverter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com