Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT16244ADGG Datasheet (PDF) - Nexperia B.V. All rights reserved

74ABT16244ADGG Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ABT16244ADGG
Download  74ABT16244ADGG Download
File Size   207.64 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit buffer/line driver; 3-state

74ABT16244ADGG Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT16244ADGG Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ABT16244ADGG
Download  74ABT16244ADGG Click to download

File Size   207.64 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit buffer/line driver; 3-state

74ABT16244ADGG Datasheet (HTML) - Nexperia B.V. All rights reserved


74ABT16244ADGG Product details

1. General description
The 74ABT16244A is a 16-bit buffer/line driver with 3-state outputs. The device can be used as
four 4-bit buffers, two 8-bit buffers or one 16-bit buffer. The device features four output enables
(1OE, 2OE, 3OE and 4OE), each controlling four of the 3-state outputs. A HIGH on nOE causes
the outputs to assume a high-impedance OFF-state. This device is fully specified for partial power
down applications using IOFF. The IOFF circuitry disables the output, preventing the potentially
damaging backflow current through the device when it is powered down.
2. Features and benefits
• Supply voltage range from 4.5 V to 5.5 V
• BiCMOS high speed and output drive
• Direct interface with TTL levels
• Power-up 3-state
• IOFF circuitry provides partial Power-down mode operation
• Latch-up protection exceeds 500 mA per JESD78B class II level A
• 16-bit bus interface
• Multiple VCC and GND pins minimize switching noise
• 3-state buffers
• Output capability: +64 mA and -32 mA
• Live insertion and extraction permitted
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• CDM JESD22-C101-C exceeds 1000 V
• Specified from -40 °C to +85 °C




Similar Part No. - 74ABT16244ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16244ADGG PHILIPS-74ABT16244ADGG Datasheet
75Kb / 10P
16-bit buffer/line driver 3-State
1998 Oct 07
74ABT16244ADGG NXP-74ABT16244ADGG Datasheet
87Kb / 13P
16-bit buffer/line driver; 3-state
Rev. 06-23 March 2009
logo
Texas Instruments
74ABT16244ADGGR1G4 TI2-74ABT16244ADGGR1G4 Datasheet
497Kb / 19P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
REVISED AUGUST 2005
74ABT16244ADGGR1G4.B TI2-74ABT16244ADGGR1G4.B Datasheet
497Kb / 19P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
REVISED AUGUST 2005
74ABT16244ADGGR1G4.B TI2-74ABT16244ADGGR1G4.B Datasheet
497Kb / 19P
16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
REVISED AUGUST 2005
More results


Similar Description - 74ABT16244ADGG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16244A PHILIPS-74ABT16244A Datasheet
75Kb / 10P
16-bit buffer/line driver 3-State
1998 Oct 07
74ABT16541 PHILIPS-74ABT16541 Datasheet
79Kb / 10P
16-bit buffer/line driver 3-State
1998 Feb 25
74LVC16241A PHILIPS-74LVC16241A Datasheet
78Kb / 10P
16-bit buffer/line driver 3-State
1997 Jul 29
74LVCH16541A PHILIPS-74LVCH16541A Datasheet
83Kb / 10P
16-bit buffer/line driver 3-State
1998 May 19
MB2241 PHILIPS-MB2241 Datasheet
82Kb / 12P
16-bit buffer/line driver 3-State
1998 Jan 16
MB2244 PHILIPS-MB2244 Datasheet
72Kb / 12P
16-bit buffer/line driver 3-State
1998 Jan 16
74ABT16244A NXP-74ABT16244A Datasheet
87Kb / 13P
16-bit buffer/line driver; 3-state
Rev. 06-23 March 2009
74LVCH16541A PHILIPS-74LVCH16541A_15 Datasheet
168Kb / 15P
16-bit buffer/line driver; 3-state
Rev. 3-15 February 2012
logo
Nexperia B.V. All right...
74LVCH16541A NEXPERIA-74LVCH16541A Datasheet
217Kb / 12P
16-bit buffer/line driver; 3-state
Rev. 4 - 1 May 2019
74ALVT16244 NEXPERIA-74ALVT16244 Datasheet
195Kb / 15P
16-bit buffer/line driver; 3-state
Rev. 5 - 2 February 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com