Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT16245B Datasheet (PDF) - Nexperia B.V. All rights reserved

74ABT16245B Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ABT16245B
Download  74ABT16245B Download
File Size   215.83 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit bus transceiver; 3-state

74ABT16245B Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT16245B Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ABT16245B
Download  74ABT16245B Click to download

File Size   215.83 Kbytes
Page   12 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 16-bit bus transceiver; 3-state

74ABT16245B Datasheet (HTML) - Nexperia B.V. All rights reserved


74ABT16245B Product details

1. General description
The 74ABT16245B is a 16-bit transceiver with 3-state outputs. The device can be used as two 8-bit
transceivers or one 16-bit transceiver. The device features two output enables (1OE and 2OE)
each controlling eight outputs, and two send/receive (1DIR and 2DIR) inputs for direction control.
A HIGH on nOE causes the outputs to assume a high-impedance OFF-state. This device is fully
specified for partial power down applications using IOFF. The IOFF circuitry disables the output,
preventing the potentially damaging backflow current through the device when it is powered down.
2. Features and benefits
• Supply voltage range from 4.5 to 5.5 V
• BiCMOS high speed and output drive
• Direct interface with TTL levels
• 16-bit bidirectional bus interface
• Multiple VCC and GND pins minimize switching noise
• Power-up 3-state
• 3-state buffers
• Output capability: +64 mA and -32 mA
• Live insertion/extraction permitted
• IOFF circuitry provides partial Power-down mode operation
• Latch-up performance exceeds 500 mA per JESD 78 Class II Level B
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• CDM JESD22-C101C exceeds 1000 V
• Specified from -40 °C to 85 °C




Similar Part No. - 74ABT16245B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16245B PHILIPS-74ABT16245B Datasheet
80Kb / 11P
16-bit bus transceiver 3-state
1998 Feb 25
74ABT16245B(1) PHILIPS-74ABT16245B(1)_15 Datasheet
154Kb / 15P
16-bit bus transceiver; 3-state
Rev. 4-19 August 2014
logo
Nexperia B.V. All right...
74ABT16245B-Q100 NEXPERIA-74ABT16245B-Q100 Datasheet
186Kb / 14P
16-bit bus transceiver; 3-state
logo
NXP Semiconductors
74ABT16245BDGG PHILIPS-74ABT16245BDGG Datasheet
80Kb / 11P
16-bit bus transceiver 3-state
1998 Feb 25
logo
Nexperia B.V. All right...
74ABT16245BDGG-Q100 NEXPERIA-74ABT16245BDGG-Q100 Datasheet
186Kb / 14P
16-bit bus transceiver; 3-state
More results


Similar Description - 74ABT16245B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT16245B PHILIPS-74ABT16245B Datasheet
80Kb / 11P
16-bit bus transceiver 3-state
1998 Feb 25
74ABT16646 PHILIPS-74ABT16646 Datasheet
94Kb / 12P
16-bit bus transceiver/register 3-State
1998 Feb 27
74ALVCH16646 PHILIPS-74ALVCH16646 Datasheet
92Kb / 12P
16-bit bus transceiver/register 3-State
1998 Sep 03
logo
Texas Instruments
SN74LVC16245A TI-SN74LVC16245A Datasheet
473Kb / 14P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCZ16245A TI-SN74LVCZ16245A Datasheet
190Kb / 11P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCR162245 TI-SN74LVCR162245_06 Datasheet
308Kb / 12P
16-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74ABT16245B(1) PHILIPS-74ABT16245B(1)_15 Datasheet
154Kb / 15P
16-bit bus transceiver; 3-state
Rev. 4-19 August 2014
74ALVCH16646 PHILIPS-74ALVCH16646_15 Datasheet
96Kb / 12P
16-bit bus transceiver/register (3-State)
1998 Sep 03
logo
Nexperia B.V. All right...
74ABT16245B-Q100 NEXPERIA-74ABT16245B-Q100 Datasheet
186Kb / 14P
16-bit bus transceiver; 3-state
74ALVCH16646 NEXPERIA-74ALVCH16646 Datasheet
250Kb / 17P
16-bit bus transceiver/register; 3-state
Rev. 3 - 11 September 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com