Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74ABT244 Datasheet (PDF) - Nexperia B.V. All rights reserved

74ABT244 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74ABT244
Download  74ABT244 Download
File Size   231.98 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal buffer/line driver; 3-state

74ABT244 Datasheet (PDF)

Go To PDF Page Download Datasheet
74ABT244 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74ABT244
Download  74ABT244 Click to download

File Size   231.98 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal buffer/line driver; 3-state

74ABT244 Datasheet (HTML) - Nexperia B.V. All rights reserved


74ABT244 Product details

1. General description
The 74ABT244 is an 8-bit buffer/line driver with 3-state outputs. The device can be used as
two 4-bit buffers or one 8-bit buffer. The device features two output enables (1OE and 2OE),
each controlling four of the 3-state outputs. A HIGH on nOE causes the outputs to assume a
high-impedance OFF-state. This device is fully specified for partial power down applications using
IOFF. The IOFF circuitry disables the output, preventing the potentially damaging backflow current
through the device when it is powered down.
2. Features and benefits
• Supply voltage range from 4.5 to 5.5 V
• Octal bus interface
• 3-State buffers
• BiCMOS high speed and output drive
• Output capability: +64 mA/–32 mA
• Direct interface with TTL levels
• Power-up 3-State
• Live insertion capability
• IOFF circuitry provides partial Power-down mode operation
• Latch-up protection exceeds 500 mA per JESD78 class II level A
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• Specified from -40 °C to +85 °C




Similar Part No. - 74ABT244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT244 PHILIPS-74ABT244 Datasheet
101Kb / 10P
Octal buffer/line driver 3-State
1998 Jan 16
logo
Fairchild Semiconductor
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
279Kb / 13P
Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244CMSA FAIRCHILD-74ABT244CMSA Datasheet
125Kb / 11P
Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244CMSA FAIRCHILD-74ABT244CMSA Datasheet
279Kb / 13P
Octal Buffer/Line Driver with 3-STATE Outputs
More results


Similar Description - 74ABT244

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
Octal buffer/line driver; 3-state
1999 Nov 24
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
logo
Nexperia B.V. All right...
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
Octal buffer/line driver; 3-state
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
Octal buffer/line driver 3-state
74AHCV541A NEXPERIA-74AHCV541A Datasheet
792Kb / 17P
Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
Octal buffer/line driver; 3-state
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com