Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHC04 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHC04 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHC04
Download  74AHC04 Download
File Size   234.87 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Hex inverter

74AHC04 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC04 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHC04
Download  74AHC04 Click to download

File Size   234.87 Kbytes
Page   13 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Hex inverter

74AHC04 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHC04 Product details

1. General description
The 74AHC04; 74AHCT04 is a high-speed Si-gate CMOS device and is pin compatible with Lowpower
Schottky TTL (LSTTL). It is specified in compliance with JEDEC standard No. 7-A.
The 74AHC04; 74AHCT04 provides six inverting buffers.
2. Features and benefits
• Balanced propagation delays
• Inputs accept voltages higher than VCC
• Input levels:
• For 74AHC04: CMOS level
• For 74AHCT04: TTL level
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101C exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74AHC04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC04 PHILIPS-74AHC04 Datasheet
73Kb / 16P
Hex inverter
1999 Sep 27
logo
Diodes Incorporated
74AHC04 DIODES-74AHC04 Datasheet
262Kb / 8P
HEX INVERTERS
Rev 3
logo
Nexperia B.V. All right...
74AHC04-Q100 NEXPERIA-74AHC04-Q100 Datasheet
701Kb / 15P
Hex inverter
74AHC04BQ-Q100 NEXPERIA-74AHC04BQ-Q100 Datasheet
701Kb / 15P
Hex inverter
logo
NXP Semiconductors
74AHC04D PHILIPS-74AHC04D Datasheet
73Kb / 16P
Hex inverter
1999 Sep 27
More results


Similar Description - 74AHC04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
Hex inverter
1991 Feb 08
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
Hex inverter
2003 Jul 23
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
Hex inverter
1997 Jun 30
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
HEX INVERTER
Jun-1989
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
Hex Inverter
74F04 FAIRCHILD-74F04 Datasheet
48Kb / 4P
Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
Hex Inverter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com