Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHC123AD Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHC123AD Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHC123AD
Download  74AHC123AD Download
File Size   302.28 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual retriggerable monostable multivibrator with reset

74AHC123AD Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC123AD Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHC123AD
Download  74AHC123AD Click to download

File Size   302.28 Kbytes
Page   19 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual retriggerable monostable multivibrator with reset

74AHC123AD Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHC123AD Product details

1. General description
The 74AHC123A; 74AHCT123A is a dual retriggerable monostable multivibrator with reset. The
basic output pulse width is programmed by selection of external components (REXT and CEXT).
Once triggered this basic pulse width may be extended by retriggering either of the edge triggered
inputs (nA or (nB). By repeating this process, the output pulse period (nQ = HIGH, nQ = LOW)
can be made as long as desired. Alternatively, an output delay can be terminated at any time by
a LOW-going edge on input nRD. Inputs are overvoltage tolerant. This feature allows the use of
these devices as translators in mixed voltage environments.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 5.5 V
• DC triggered from active HIGH or active LOW inputs
• Retriggerable for very long pulses up to 100 % duty factor
• Direct reset terminates output pulse
• Overvoltage tolerant inputs to 5.5 V
• All inputs have a Schmitt-trigger action
• High noise immunity
• Input levels:
• For 74AHC123A: CMOS level
• For 74AHCT123A: TTL level
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101C exceeds 1000 V
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level A
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74AHC123AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC123AD PHILIPS-74AHC123AD Datasheet
111Kb / 24P
Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74AHC123AD NXP-74AHC123AD Datasheet
122Kb / 21P
Dual retriggerable monostable multivibrator with reset
Rev. 02-18 January 2008
74AHC123AD-Q100 NXP-74AHC123AD-Q100 Datasheet
326Kb / 22P
Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
logo
Nexperia B.V. All right...
74AHC123AD-Q100 NEXPERIA-74AHC123AD-Q100 Datasheet
303Kb / 20P
Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
More results


Similar Description - 74AHC123AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74LV123 PHILIPS-74LV123 Datasheet
145Kb / 16P
Dual retriggerable monostable multivibrator with reset
1998 Apr 20
74LV423 PHILIPS-74LV423 Datasheet
156Kb / 16P
Dual retriggerable monostable multivibrator with reset
1997 Feb 04
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74HC423D.653 NXP-74HC423D.653 Datasheet
295Kb / 24P
Dual retriggerable monostable multivibrator with reset
Rev. 6-19 December 2011
74AHC123A-Q100 NXP-74AHC123A-Q100 Datasheet
326Kb / 22P
Dual retriggerable monostable multivibrator with reset
Rev. 1-23 May 2013
74AHC_AHCT123A PHILIPS-74AHC_AHCT123A_15 Datasheet
315Kb / 22P
Dual retriggerable monostable multivibrator with reset
Rev. 4-8 November 2011
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
logo
Nexperia B.V. All right...
74AHC123A-Q100 NEXPERIA-74AHC123A-Q100 Datasheet
303Kb / 20P
Dual retriggerable monostable multivibrator with reset
Rev. 2 - 17 June 2020
74LV123 NEXPERIA-74LV123 Datasheet
310Kb / 19P
Dual retriggerable monostable multivibrator with reset
Rev. 9 - 13 September 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com