Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHCT125 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHCT125 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHCT125
Download  74AHCT125 Download
File Size   250.5 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad buffer/line driver; 3-state

74AHCT125 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHCT125 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHCT125
Download  74AHCT125 Click to download

File Size   250.5 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad buffer/line driver; 3-state

74AHCT125 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHCT125 Product details

1. General description
The 74AHC125; 74AHCT125 is a quad buffer/line driver with 3-state outputs controlled by the
output enable inputs (nOE). A HIGH on nOE causes the outputs to assume a high impedance
OFF-state. Inputs are overvoltage tolerant. This feature allows the use of these devices as
translators in mixed voltage environments.
2. Features and benefits
• Wide supply voltage range from 2.0 V to 5.5 V
• Overvoltage tolerant inputs to 5.5 V
• High noise immunity
• CMOS low power dissipation
• Balanced propagation delays
• All inputs have a Schmitt-trigger action
• Input levels:
• For 74AHC125: CMOS level
• For 74AHCT125: TTL level
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101C exceeds 1000 V
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level A
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74AHCT125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT125 PHILIPS-74AHCT125 Datasheet
78Kb / 16P
Quad buffer/line driver; 3-state
1999 Sep 27
74AHCT125 NXP-74AHCT125 Datasheet
93Kb / 15P
Quad buffer/line driver; 3-state
Rev. 04-11 January 2008
logo
Diodes Incorporated
74AHCT125 DIODES-74AHCT125 Datasheet
310Kb / 8P
QUADRUPLE 3-STATE BUFFERS OE LOW
Rev 3
logo
Nexperia B.V. All right...
74AHCT125-Q100 NEXPERIA-74AHCT125-Q100 Datasheet
822Kb / 17P
Quad buffer/line driver; 3-state
logo
NXP Semiconductors
74AHCT125BQ NXP-74AHCT125BQ Datasheet
93Kb / 15P
Quad buffer/line driver; 3-state
Rev. 04-11 January 2008
More results


Similar Description - 74AHCT125

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC125 PHILIPS-74AHC125 Datasheet
78Kb / 16P
Quad buffer/line driver; 3-state
1999 Sep 27
74HC126 PHILIPS-74HC126 Datasheet
40Kb / 6P
Quad buffer/line driver; 3-state
December 1990
74LV125 PHILIPS-74LV125 Datasheet
111Kb / 12P
Quad buffer/line driver 3-State
1998 Apr 28
74LV126 PHILIPS-74LV126 Datasheet
112Kb / 12P
Quad buffer/line driver 3-State
1998 Apr 28
74HC125D NXP-74HC125D Datasheet
41Kb / 6P
Quad buffer/line driver; 3-state
December 1990
74VHC_VHCT125 PHILIPS-74VHC_VHCT125_15 Datasheet
464Kb / 15P
Quad buffer/line driver; 3-state
Rev. 02-13 October 2009
74VHC_VHCT126 PHILIPS-74VHC_VHCT126_15 Datasheet
98Kb / 15P
Quad buffer/line driver; 3-state
Rev. 01-13 August 2009
logo
Nexperia B.V. All right...
74AHC125-Q100 NEXPERIA-74AHC125-Q100 Datasheet
822Kb / 17P
Quad buffer/line driver; 3-state
74ALVC125-Q100 NEXPERIA-74ALVC125-Q100 Datasheet
804Kb / 15P
Quad buffer/line driver 3-state
74ALVC125 NEXPERIA-74ALVC125 Datasheet
242Kb / 13P
Quad buffer/line driver; 3-state
Rev. 4 - 30 April 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com