Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHC164 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHC164 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHC164
Download  74AHC164 Download
File Size   265.32 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit serial-in/parallel-out shift register

74AHC164 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC164 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHC164
Download  74AHC164 Click to download

File Size   265.32 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-bit serial-in/parallel-out shift register

74AHC164 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHC164 Product details

1. General description
The 74AHC164; 74AHCT164 is an 8-bit serial-in/parallel-out shift register. The device features two
serial data inputs (DSA and DSB), eight parallel data outputs (Q0 to Q7). Data is entered serially
through DSA or DSB and either input can be used as an active HIGH enable for data entry through
the other input. Data is shifted on the LOW-to-HIGH transitions of the clock (CP) input. A LOW on
the master reset input (MR) clears the register and forces all outputs LOW, independently of other
inputs. Inputs are overvoltage tolerant. This feature allows the use of these devices as translators
in mixed voltage environments.
2. Features
• Wide supply voltage range from 2.0 V to 5.5 V
• Overvoltage tolerant inputs to 5.5 V
• High noise immunity
• CMOS low power dissipation
• Balanced propagation delays
• All inputs have Schmitt-trigger actions
• Input levels:
• For 74AHC164: CMOS level
• For 74AHCT164: TTL level
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101C exceeds 1000 V
• Latch-up performance exceeds 100 mA per JESD 78 Class II Level A
• Multiple package options
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74AHC164

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC164 PHILIPS-74AHC164 Datasheet
92Kb / 20P
8-bit serial-in/parallel-out shift register
2000 Aug 15
logo
Diodes Incorporated
74AHC164 DIODES-74AHC164 Datasheet
634Kb / 11P
8-BIT PARALLEL-OUT SERIAL SHIFT REGISTERS
Rev 2
logo
Nexperia B.V. All right...
74AHC164-Q100 NEXPERIA-74AHC164-Q100 Datasheet
726Kb / 19P
Automotive product qualification in accordance with AEC-Q100
logo
NXP Semiconductors
74AHC164BQ NXP-74AHC164BQ Datasheet
109Kb / 18P
8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
logo
Nexperia B.V. All right...
74AHC164BQ-Q100 NEXPERIA-74AHC164BQ-Q100 Datasheet
726Kb / 19P
Automotive product qualification in accordance with AEC-Q100
More results


Similar Description - 74AHC164

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV164 PHILIPS-74LV164 Datasheet
119Kb / 12P
8-bit serial-in/parallel-out shift register
1998 May 07
logo
Fairchild Semiconductor
MM74HC165MX FAIRCHILD-MM74HC165MX Datasheet
79Kb / 8P
Parallel-in/Serial-out 8-Bit Shift Register
logo
Integral Corp.
IN74LV164 INTEGRAL-IN74LV164 Datasheet
45Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
KODENSHI_AUK CORP.
KK74LV164 KODENSHI-KK74LV164 Datasheet
476Kb / 6P
8-BIT SERIAL-IN/PARALLEL-OUT SHIFT REGISTER
logo
Texas Instruments
CD54AC164 TI-CD54AC164_07 Datasheet
427Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
CD54AC164 TI-CD54AC164_08 Datasheet
457Kb / 16P
8-Bit Serial-In/Parallel-Out Shift Register
logo
NXP Semiconductors
74AHC_AHCT164 PHILIPS-74AHC_AHCT164_15 Datasheet
109Kb / 18P
8-bit serial-in/parallel-out shift register
Rev. 03-24 April 2008
74HC_HCT165 PHILIPS-74HC_HCT165_15 Datasheet
139Kb / 22P
8-bit parallel-in/serial out shift register
Rev. 03-14 March 2008
logo
Motorola, Inc
MC5474F164 MOTOROLA-MC5474F164 Datasheet
69Kb / 3P
8-BIT SERIAL-IN, PARALLEL-OUT SHIFT REGISTER
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com