Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHCT257D Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHCT257D Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHCT257D
Download  74AHCT257D Download
File Size   601.71 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input multiplexer; 3-state

74AHCT257D Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHCT257D Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHCT257D
Download  74AHCT257D Click to download

File Size   601.71 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Quad 2-input multiplexer; 3-state

74AHCT257D Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHCT257D Product details

1. General description
The 74AHC257; 74AHCT257 is a high-speed Si-gate CMOS device and is pin compatible
with Low-power Schottky TTL (LSTTL). It is specified in compliance with JEDEC standard
No. 7-A.
The 74AHC257; 74AHCT257 has four identical 2-input multiplexers with 3-state outputs,
which select 4 bits of data from two sources and are controlled by a common data select
input (S). The data inputs from source 0 (1I0 to 4I0) are selected when input S is LOW and
the data inputs from source 1 (1I1 to 4I1) are selected when input S is HIGH. Data
appears at the outputs (1Y to 4Y) in true (non-inverting) form from the selected inputs.
The 74AHC257; 74AHCT257 is the logic implementation of a 4-pole 2-position switch,
where the position of the switch is determined by the logic levels applied to input S. The
outputs are forced to a high-impedance OFF-state when OE is HIGH.
The logic equations for the outputs are:
1Y = OE ´ (1I1 ´ S + 1I0 ´ S)
2Y = OE ´ (2I1 ´ S + 2I0 ´ S)
3Y = OE ´ (3I1 ´ S + 3I0 ´ S)
4Y = OE ´ (4I1 ´ S + 4I0 ´ S)
The 74AHC257; 74AHCT257 is identical to the 74AHC258; 74AHCT258, but has
non-inverting (true) outputs.
2. Features
n Balanced propagation delays
n All inputs have Schmitt-trigger actions
n Non-inverting data path
n Inputs accept voltages higher than VCC
n Input levels:
u For 74AHC257: CMOS level
u For 74AHCT257: TTL level
n ESD protection:
u HBM EIA/JESD22-A114E exceeds 2000 V
u MM EIA/JESD22-A115-A exceeds 200 V
u CDM EIA/JESD22-C101C exceeds 1000 V
n Multiple package options
n Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74AHCT257D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT257D PHILIPS-74AHCT257D Datasheet
97Kb / 20P
Quad 2-input multiplexer; 3-state
2000 Apr 03
74AHCT257D NXP-74AHCT257D Datasheet
99Kb / 16P
Quad 2-input multiplexer 3-state
Rev. 02-9 May 2008
logo
Nexperia B.V. All right...
74AHCT257D-Q100 NEXPERIA-74AHCT257D-Q100 Datasheet
706Kb / 17P
Quad 2-input multiplexer; 3-state
More results


Similar Description - 74AHCT257D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LV257 PHILIPS-74LV257 Datasheet
114Kb / 12P
Quad 2-input multiplexer 3-State
1998 May 20
74HC257 PHILIPS-74HC257 Datasheet
80Kb / 13P
Quad 2-input multiplexer 3-state
1998 Sep 30
74AHC257 PHILIPS-74AHC257 Datasheet
97Kb / 20P
Quad 2-input multiplexer; 3-state
2000 Apr 03
74HC257 NXP-74HC257 Datasheet
185Kb / 17P
Quad 2-input multiplexer; 3-state
Rev. 05-13 January 2010
74AHC257 NXP-74AHC257_08 Datasheet
99Kb / 16P
Quad 2-input multiplexer 3-state
Rev. 02-9 May 2008
74AHC_AHCT257 PHILIPS-74AHC_AHCT257_15 Datasheet
99Kb / 16P
Quad 2-input multiplexer; 3-state
Rev. 02-9 May 2008
74HC_HCT257 PHILIPS-74HC_HCT257_15 Datasheet
195Kb / 18P
Quad 2-input multiplexer; 3-state
Rev. 6-26 January 2015
logo
Nexperia B.V. All right...
74AHC257-Q100 NEXPERIA-74AHC257-Q100 Datasheet
706Kb / 17P
Quad 2-input multiplexer; 3-state
74HC257-Q100 NEXPERIA-74HC257-Q100 Datasheet
1Mb / 16P
Quad 2-input multiplexer; 3-state
74HCT257 NEXPERIA-74HCT257 Datasheet
249Kb / 15P
Quad 2-input multiplexer; 3-state
Rev. 8 - 9 February 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com