Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHC2G00DC Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHC2G00DC Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHC2G00DC
Download  74AHC2G00DC Download
File Size   211.08 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual 2-input NAND gate

74AHC2G00DC Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC2G00DC Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHC2G00DC
Download  74AHC2G00DC Click to download

File Size   211.08 Kbytes
Page   11 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual 2-input NAND gate

74AHC2G00DC Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHC2G00DC Product details

1. General description
The 74AHC2G00; 74AHCT2G00 are high-speed Si-gate CMOS devices. They provide two 2-input
NAND gates.
The AHC device has CMOS input switching levels and supply voltage range 2 V to 5.5 V.
The AHCT device has TTL input switching levels and supply voltage range 4.5 V to 5.5 V.
2. Features and benefits
• Symmetrical output impedance
• High noise immunity
• ESD protection:
• HBM JESD22-A114F exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101C exceeds 1000 V
• Low power dissipation
• Balanced propagation delays
• Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74AHC2G00DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC2G00DC PHILIPS-74AHC2G00DC Datasheet
94Kb / 17P
The 74AHC2G/AHCT2G00 is a high-speed Si-gate CMOS device
2004 Jan 21
74AHC2G00DC NXP-74AHC2G00DC Datasheet
90Kb / 14P
Dual 2-input NAND gate
Rev. 02-12 January 2009
logo
Nexperia B.V. All right...
74AHC2G00DC-Q100 NEXPERIA-74AHC2G00DC-Q100 Datasheet
211Kb / 11P
Dual 2-input NAND gate
More results


Similar Description - 74AHC2G00DC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7WH00FU TOSHIBA-TC7WH00FU Datasheet
195Kb / 6P
DUAL 2-INPUT NAND GATE
logo
Panasonic Semiconductor
74LVC2G00 PANASONIC-74LVC2G00 Datasheet
91Kb / 16P
Dual 2-input NAND gate
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00 Datasheet
83Kb / 8P
Dual 2-Input NAND Gate
September, 2001 ??Rev. 1
logo
NXP Semiconductors
74HC2G00 NXP-74HC2G00 Datasheet
91Kb / 13P
Dual 2-input NAND gate
Rev. 04-3 July 2008
logo
Toshiba Semiconductor
TC7W00FK TOSHIBA-TC7W00FK_09 Datasheet
221Kb / 8P
Dual 2-Input NAND Gate
logo
NXP Semiconductors
74LVC2G00DC-G NXP-74LVC2G00DC-G Datasheet
279Kb / 20P
Dual 2-input NAND gate
Rev. 12-8 April 2013
logo
Unisonic Technologies
U74LVC2G132 UTC-U74LVC2G132_15 Datasheet
181Kb / 5P
DUAL 2-INPUT NAND GATE
logo
ON Semiconductor
NL27WZ00 ONSEMI-NL27WZ00_13 Datasheet
125Kb / 6P
Dual 2-Input NAND Gate
July, 2013 ??Rev. 12
logo
Nexperia B.V. All right...
74AHC2G00-Q100 NEXPERIA-74AHC2G00-Q100 Datasheet
211Kb / 11P
Dual 2-input NAND gate
74HCT2G00 NEXPERIA-74HCT2G00 Datasheet
208Kb / 11P
Dual 2-input NAND gate
Rev. 6 - 20 November 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com