Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHC2G08DC Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHC2G08DC Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHC2G08DC
Download  74AHC2G08DC Download
File Size   196.45 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual 2-input AND gate

74AHC2G08DC Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC2G08DC Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHC2G08DC
Download  74AHC2G08DC Click to download

File Size   196.45 Kbytes
Page   14 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Dual 2-input AND gate

74AHC2G08DC Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHC2G08DC Product details

1 General description
The 74AHC2G08; 74AHCT2G08 is a high-speed Si-gate CMOS device.
The 74AHC2G08; 74AHCT2G08 provides two 2-input AND gates.
2 Features and benefits
• Symmetrical output impedance
• High noise immunity
• ESD protection:
• – HBM JESD22-A114E exceeds 2000 V
– MM JESD22-A115-A exceeds 200 V
– CDM JESD22-C101C exceeds 1000 V
• Low power dissipation
• Balanced propagation delays
• Multiple package options
• Specified from -40 °C to +80 °C and from -40 °C to +125 °C




Similar Part No. - 74AHC2G08DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC2G08DC PHILIPS-74AHC2G08DC Datasheet
90Kb / 17P
Dual 2-input AND gate
Rev. 02-18 October 2004
74AHC2G08DC NXP-74AHC2G08DC Datasheet
91Kb / 14P
Dual 2-input AND gate
Rev. 03-12 January 2009
logo
Nexperia B.V. All right...
74AHC2G08DC-Q100 NEXPERIA-74AHC2G08DC-Q100 Datasheet
197Kb / 14P
Automotive product qualification in accordance with AEC-Q100
More results


Similar Description - 74AHC2G08DC

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7W08F TOSHIBA-TC7W08F Datasheet
204Kb / 7P
DUAL 2-INPUT AND GATE
TC7WH08FU TOSHIBA-TC7WH08FU Datasheet
195Kb / 6P
DUAL 2-INPUT AND GATE
logo
NXP Semiconductors
74HC2G08 PHILIPS-74HC2G08 Datasheet
85Kb / 16P
Dual 2-input AND gate
2002 Nov 15
74AHC2G08 PHILIPS-74AHC2G08 Datasheet
90Kb / 17P
Dual 2-input AND gate
Rev. 02-18 October 2004
logo
Toshiba Semiconductor
TC7W08F TOSHIBA-TC7W08F_01 Datasheet
236Kb / 8P
DUAL 2-INPUT AND GATE
logo
Renesas Technology Corp
RD74LVC2G08 RENESAS-RD74LVC2G08 Datasheet
2Mb / 8P
Dual 2-Input AND Gate
logo
NXP Semiconductors
74LVC2G08 NXP-74LVC2G08 Datasheet
102Kb / 16P
Dual 2-input AND gate
Rev. 08-9 June 2008
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_12 Datasheet
101Kb / 5P
Dual 2-Input AND Gate
April, 2012 ??Rev. 10
logo
Nexperia B.V. All right...
74HC2G08-Q100 NEXPERIA-74HC2G08-Q100 Datasheet
213Kb / 13P
Dual 2-input AND gate
logo
ON Semiconductor
NL27WZ08 ONSEMI-NL27WZ08_V01 Datasheet
330Kb / 13P
Dual 2-Input AND Gate
October, 2020 ??Rev. 14
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com