Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHC30 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHC30 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHC30
Download  74AHC30 Download
File Size   255.71 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-input NAND gate

74AHC30 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHC30 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHC30
Download  74AHC30 Click to download

File Size   255.71 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 8-input NAND gate

74AHC30 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHC30 Product details

1. General description
The 74AHC30; 74AHCT30 is a high-speed Si-gate CMOS device and is pin compatible with Lowpower
Schottky TTL (LSTTL). It is specified in compliance with JEDEC standard No. 7-A.
The 74AHC30; 74AHCT30 provides an 8-input NAND function.
2. Features and benefits
• Balanced propagation delays
• All inputs have Schmitt-trigger actions
• Inputs accept voltages higher than VCC
• Input levels:
• For 74AHC30: CMOS level
• For 74AHCT30: TTL level
• ESD protection:
• HBM JESD22-A114E exceeds 2000 V
• MM JESD22-A115-A exceeds 200 V
• CDM JESD22-C101C exceeds 1000 V
• Multiple package options
• Specified from -40 °C to +85 °C and -40 °C to +125 °C




Similar Part No. - 74AHC30

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC30 PHILIPS-74AHC30 Datasheet
75Kb / 16P
8-input NAND gate
1999 Nov 30
74AHC30 PHILIPS-74AHC30 Datasheet
94Kb / 14P
8-input NAND gate
Rev. 03-26 June 2009
logo
Nexperia B.V. All right...
74AHC30-Q100 NEXPERIA-74AHC30-Q100 Datasheet
704Kb / 15P
Automotive product qualification in accordance with AEC-Q100
logo
NXP Semiconductors
74AHC30BQ NXP-74AHC30BQ Datasheet
94Kb / 14P
8-input NAND gate
Rev. 03-26 June 2009
logo
Nexperia B.V. All right...
74AHC30BQ-Q100 NEXPERIA-74AHC30BQ-Q100 Datasheet
704Kb / 15P
Automotive product qualification in accordance with AEC-Q100
More results


Similar Description - 74AHC30

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54LS30 NSC-54LS30 Datasheet
120Kb / 6P
8-Input NAND Gate
logo
STMicroelectronics
M54HC30 STMICROELECTRONICS-M54HC30 Datasheet
234Kb / 9P
8 INPUT NAND GATE
Feb-1993
M54HCT30 STMICROELECTRONICS-M54HCT30 Datasheet
233Kb / 9P
8 INPUT NAND GATE
Feb-1993
logo
Toshiba Semiconductor
TC74HC30AP TOSHIBA-TC74HC30AP Datasheet
229Kb / 6P
8-INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS30A FAIRCHILD-DM74ALS30A Datasheet
59Kb / 5P
8-Input NAND Gate
DM74AS30 FAIRCHILD-DM74AS30 Datasheet
45Kb / 4P
8 Input NAND Gate
DM74LS30 FAIRCHILD-DM74LS30 Datasheet
45Kb / 4P
8-Input NAND Gate
logo
Hitachi Semiconductor
HD74HC30 HITACHI-HD74HC30 Datasheet
45Kb / 8P
8-input NAND Gate
logo
National Semiconductor ...
MM74HC30 NSC-MM74HC30 Datasheet
100Kb / 4P
8-Input NAND Gate
logo
Integral Corp.
IN74HC30A INTEGRAL-IN74HC30A Datasheet
244Kb / 5P
8-Input NAND Gate
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com