Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHCT377 Datasheet (PDF) - Nexperia B.V. All rights reserved

74AHCT377 Datasheet PDF - Nexperia B.V. All rights reserved
Part # 74AHCT377
Download  74AHCT377 Download
File Size   601.79 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal D-type flip-flop with data enable; positive-edge trigger

74AHCT377 Datasheet (PDF)

Go To PDF Page Download Datasheet
74AHCT377 Datasheet PDF - Nexperia B.V. All rights reserved

Part # 74AHCT377
Download  74AHCT377 Click to download

File Size   601.79 Kbytes
Page   16 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description Octal D-type flip-flop with data enable; positive-edge trigger

74AHCT377 Datasheet (HTML) - Nexperia B.V. All rights reserved


74AHCT377 Product details

1. General description
The 74AHC377; 74AHCT377 is a high-speed Si-gate CMOS device and is pin compatible
with Low-power Schottky TTL (LSTTL). It is specified in compliance with JEDEC standard
No. 7-A.
The 74AHC377; 74AHCT377 has eight edge-triggered, D-type flip-flops with individual D
inputs and Q outputs. A common clock input (CP) loads all flip-flops simultaneously when
the data enable input (E) is LOW. The state of each D input, one set-up time before the
LOW-to-HIGH clock transition, is transferred to the corresponding output (Qn) of the
flip-flop. The E input is only required to be stable one set-up time prior to the
LOW-to-HIGH transition for predictable operation.
For versions associated with the 74AHC377; 74AHCT377, refer to the following:
• For the master reset version, see 74AHC273; 74AHCT273
• For the transparent latch version, see 74AHC373; 74AHCT373
• For the 3-state version, see 74AHC374; 74AHCT374
2. Features
n Balanced propagation delays
n All inputs have Schmitt-trigger actions
n Inputs accept voltages higher than VCC
n Ideal for addressable register applications
n Data enable for address and data synchronization
n Eight positive-edge triggered D-type flip-flops
n Input levels:
u For 74AHC377: CMOS level
u For 74AHCT377: TTL level
n ESD protection:
u HBM EIA/JESD22-A114E exceeds 2000 V
u MM EIA/JESD22-A115-A exceeds 200 V
u CDM EIA/JESD22-C101C exceeds 1000 V
n Multiple package options
n Specified from -40 °C to +85 °C and from -40 °C to +125 °C




Similar Part No. - 74AHCT377

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHCT377 PHILIPS-74AHCT377 Datasheet
101Kb / 20P
Octal D-type flip-flop with data enable; positive-edge trigger
2000 Aug 15
74AHCT377 NXP-74AHCT377 Datasheet
100Kb / 16P
Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 02-12 June 2008
logo
Nexperia B.V. All right...
74AHCT377-Q100 NEXPERIA-74AHCT377-Q100 Datasheet
744Kb / 17P
Octal D-type flip-flop with data enable; positive-edge trigger
logo
NXP Semiconductors
74AHCT377D PHILIPS-74AHCT377D Datasheet
101Kb / 20P
Octal D-type flip-flop with data enable; positive-edge trigger
2000 Aug 15
74AHCT377D NXP-74AHCT377D Datasheet
100Kb / 16P
Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 02-12 June 2008
More results


Similar Description - 74AHCT377

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC377 PHILIPS-74HC377 Datasheet
60Kb / 7P
Octal D-type flip-flop with data enable; positive-edge trigger
December 1990
74LV377 PHILIPS-74LV377 Datasheet
114Kb / 12P
Octal D-type flip-flop with data enable; positive edge-trigger
1998 Jun 10
74LVC377 PHILIPS-74LVC377 Datasheet
95Kb / 10P
Octal D-type flip-flop with data enable; positive-edge trigger
1998 Jul 29
74AHC377 PHILIPS-74AHC377 Datasheet
101Kb / 20P
Octal D-type flip-flop with data enable; positive-edge trigger
2000 Aug 15
logo
List of Unclassifed Man...
74HC377 ETC1-74HC377 Datasheet
219Kb / 5P
OCTAL D-TYPE FLIP-FLOP WITH DATA ENABLE POSITIVE EDGE TRIGGER
logo
NXP Semiconductors
74HCHCT377 PHILIPS-74HCHCT377 Datasheet
64Kb / 7P
Octal D-type flip-flop with data enable; positive-edge trigger
December 1990
74AHC377 NXP-74AHC377_08 Datasheet
100Kb / 16P
Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 02-12 June 2008
logo
Nexperia B.V. All right...
74AHC377-Q100 NEXPERIA-74AHC377-Q100 Datasheet
744Kb / 17P
Octal D-type flip-flop with data enable; positive-edge trigger
74LVC377 NEXPERIA-74LVC377 Datasheet
236Kb / 12P
Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 7 - 27 August 2021
74HCT377 NEXPERIA-74HCT377 Datasheet
256Kb / 15P
Octal D-type flip-flop with data enable; positive-edge trigger
Rev. 5 - 25 February 2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com