Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX1084 Datasheet (PDF) - List of Unclassifed Manufacturers

CX1084 Datasheet PDF - List of Unclassifed Manufacturers
Part # CX1084
Download  CX1084 Download
File Size   149.04 Kbytes
Page   9 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 5A Low dropout voltage regulator

CX1084 Datasheet (PDF)

Go To PDF Page Download Datasheet
CX1084 Datasheet PDF - List of Unclassifed Manufacturers

Part # CX1084
Download  CX1084 Click to download

File Size   149.04 Kbytes
Page   9 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 5A Low dropout voltage regulator

CX1084 Datasheet (HTML) - List of Unclassifed Manufacturers


CX1084 Product details

GENERAL DESCRIPTION

The CX1084 series of adjustable and fixed voltage regulators are designed to provide 5A output current and to operate down to 1V input-to-output differential. The dropout voltage of the device is guaranteed maximum 1.5V at maximum output current, decreasing at lower load currents. On-chip trimming adjusts the reference voltage to 1%. Current limit is also trimmed, minimizing the

stress under overload conditions on both the regulator and power source circuitry.



FEATURES 

Three Terminal Adjustable or Fixed Voltages 1.5V,1.8V, 2.5V, 2.85V, 3.3V and 5.0V

Output Current of 5A

Operates Down to 1V Dropout 

Line Regulation: 0.2% Max.

Load Regulation: 0.4% Max.

TO-263-2,TO-263-3,TO252-2 and TO-220 package available



 




Similar Part No. - CX1084

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CX1085 ETC2-CX1085 Datasheet
108Kb / 2P
3A Low dropout voltage regulator
CX1085-1.5 ETC2-CX1085-1.5 Datasheet
108Kb / 2P
3A Low dropout voltage regulator
CX1085-1.8 ETC2-CX1085-1.8 Datasheet
108Kb / 2P
3A Low dropout voltage regulator
CX1085-2.5 ETC2-CX1085-2.5 Datasheet
108Kb / 2P
3A Low dropout voltage regulator
CX1085-2.85 ETC2-CX1085-2.85 Datasheet
108Kb / 2P
3A Low dropout voltage regulator
More results


Similar Description - CX1084

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084 Datasheet
76Kb / 8P
5A LOW DROPOUT VOLTAGE REGULATOR
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
5A Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
CM1581 ETC1-CM1581 Datasheet
261Kb / 11P
5A LOW DROPOUT VOLTAGE REGULATOR
logo
HTC Korea TAEJIN Techno...
LM39500 HTC-LM39500 Datasheet
196Kb / 6P
5A Low-Voltage Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS1084 ADMOS-AMS1084_05 Datasheet
192Kb / 9P
5A LOW DROPOUT VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_07 Datasheet
427Kb / 8P
5A Low Dropout Positive Voltage Regulator
logo
Exar Corporation
SPX29501 EXAR-SPX29501 Datasheet
724Kb / 9P
5A Low Dropout Voltage Regulator
logo
HTC Korea TAEJIN Techno...
LM39500 HTC-LM39500_08 Datasheet
226Kb / 6P
5A Low-Voltage Low-Dropout Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_13 Datasheet
247Kb / 7P
5A Low Dropout Positive Voltage Regulator
logo
Exar Corporation
SPX1585 EXAR-SPX1585 Datasheet
344Kb / 7P
5A Low Dropout Voltage Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com